Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S486G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # S486G-S08-R
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  S486G-S08-R Datasheet HTML 1Page - Unisonic Technologies S486G-S08-R Datasheet HTML 2Page - Unisonic Technologies S486G-S08-R Datasheet HTML 3Page - Unisonic Technologies S486G-S08-R Datasheet HTML 4Page - Unisonic Technologies S486G-S08-R Datasheet HTML 5Page - Unisonic Technologies S486G-S08-R Datasheet HTML 6Page - Unisonic Technologies S486G-S08-R Datasheet HTML 7Page - Unisonic Technologies S486G-S08-R Datasheet HTML 8Page - Unisonic Technologies S486G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
S486
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-074,C
DUAL 100mW AUDIO POWER
AMPLIFIER WITH STANDBY
MODE
DESCRIPTION
The UTC S486 is a dual power amplifier capable of delivering
typically 100mW per channel of continuous average power to an
8Ω load with 0.1% THD+N using a 5V power supply.
The UTC S486 features an externally controlled, low-power
consumption stand by mode. The UTC S486 exhibit a low
quiescent current of typically 1.8mA, allowing usage in portable
applications.
The unity-gain stable UTC S486 can be configured by external
gain-setting resistors.
FEATURES
* Operating voltage range VCC=2V ~ 5.5V
* Output power:
- 102mW @5V into 16Ω with 0.1% THD+N max (1kHz)
* Stand by mode available
* Low current consumption: 2.5mA max
* Click and pop reduction circuitry
* Unity-gain stable
* Short circuit protected
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
S486L-S08-R
S486G-S08-R
SOP-8
Tape Reel
S486L-S08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel
(2) S08: SOP-8
(3) G: Halogen Free, L: Lead Free


Similar Part No. - S486G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
S486G-S08-R UTC-S486G-S08-R Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486G-S08-R UTC-S486G-S08-R Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results

Similar Description - S486G-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com