Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6620 Datasheet (PDF) - Intersil Corporation

ISL6620 Datasheet PDF - Intersil Corporation
Part # ISL6620
Download  ISL6620 Download
File Size   223.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6620 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6620 Datasheet PDF - Intersil Corporation

Part # ISL6620
Download  ISL6620 Click to download

File Size   223.45 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers

ISL6620 Datasheet (HTML) - Intersil Corporation


ISL6620 Product details

The ISL6620, ISL6620A is a high frequency MOSFET driver
designed to drive upper and lower power N-Channel
MOSFETs in a synchronous rectified buck converter topology.
The advanced PWM protocol of ISL6620, ISL6620A is
specifically designed to work with Intersil VR11.1 controllers
and combined with N-Channel MOSFETs, form a complete
core-voltage regulator solution for advanced microprocessors.
When ISL6620, ISL6620A detects a PSI protocol sent by an
Intersil VR11.1 controller, it activates Diode Emulation (DE)
operation; otherwise, it operates in normal Continuous
Conduction Mode (CCM) PWM mode.
The IC is biased by a single low voltage supply (5V),
minimizing driving losses in high MOSFET gate capacitance
and high switching frequency applications. Each driver is
capable of driving a 3nF load with less than 10ns rise/fall time.
Bootstrapping of the upper gate driver is implemented via an
internal low forward drop diode, reducing implementation cost,
complexity, and allowing the use of higher performance, cost
effective N-Channel MOSFETs.
To further enhance light load efficiency, ISL6620, ISL6620A
enables diode emulation operation during PSI mode. This
allows Discontinuous Conduction Mode (DCM) by detecting
when the inductor current reaches zero and subsequently
turning off the low side MOSFET to prevent it from sinking
current.
An advanced adaptive shoot-through protection is integrated
to prevent both the upper and lower MOSFETs from
conducting simultaneously and to minimize dead time. The
ISL6620, ISL6620A has a 20kΩ integrated high-side
gate-to-source resistor to prevent self turn-on due to high
input bus dV/dt.

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Advanced Adaptive Zero Shoot-Through Protection
• 36V Internal Bootstrap Schottky Diode
• Advanced PWM Protocol (Patent Pending) to Support PSI
Mode, Diode Emulation, Three-State Operation
• Diode Emulation For Enhanced Light Load Efficiency
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency
- 4A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• VCC Undervoltage Protection
• Enable Input and Power-On Reset
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• DFN Package:
- Compliant to JEDEC PUB95 MO-220
DFN - Dual Flat No Leads - Package Outline
- Near Chip Scale Package Footprint, which Improves
PCB Efficiency and has a Thinner Profile
• Pb-Free (RoHS Compliant)

Applications
• High Light Load Efficiency Voltage Regulators
• Core Regulators for Advanced Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD




Similar Part No. - ISL6620

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620 INTERSIL-ISL6620 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6620 INTERSIL-ISL6620 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results


Similar Description - ISL6620

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
October 30, 2008
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com