Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8273M Datasheet (PDF) - Intersil Corporation

ISL8273M Datasheet PDF - Intersil Corporation
Part # ISL8273M
Download  ISL8273M Download
File Size   1413.64 Kbytes
Page   54 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80A Single Channel Digital PMBus Step-Down Power Module

ISL8273M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8273M Datasheet PDF - Intersil Corporation

Part # ISL8273M
Download  ISL8273M Click to download

File Size   1413.64 Kbytes
Page   54 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80A Single Channel Digital PMBus Step-Down Power Module

ISL8273M Datasheet (HTML) - Intersil Corporation


ISL8273M Product details

The ISL8273M is a complete PMBus enabled DC/DC single
channel step-down advance power supply capable of delivering
up to 80A of current and optimized for high power density
applications. For higher output current, up to four ISL8273Ms
can be paralleled to supply up to 320A in a multiphase current
sharing configuration.
Operating over an input voltage range of 4.5V to 14V, the
ISL8273M offers adjustable output voltages down to 0.6V and
achieves up to 93% conversion efficiencies. A unique
ChargeMode™ control architecture provides a single clock cycle
response to an output load step and can support switching
frequencies up to 1MHz. The power module integrates all power
and most passive components and only requires a few external
components to operate. A set of optional external resistors allows
the user to easily configure the device for standard operation. For
advanced configurations, a standard PMBus interface addresses
such things as sequencing and fault management, as well as
real-time full telemetry and point-of-load monitoring. Additionally,
an on-board nonvolatile memory can store the desired custom
configuration and settings.
A fully customizable voltage, current and temperature
protection scheme insures safe operation for the ISL8273M
under abnormal operating conditions. The device is also
supported by the PowerNavigator™ software, a full digital
power train development environment.
The ISL8273M is available in a low profile compact
18mmx23mmx7.5mm fully encapsulated thermally enhanced
HDA package.

Features
• Complete digital power supply
• 80A single channel output current
- 4.5V to 14V single rail input voltage
- Up to 93% efficiency
- Up to 320A/4 parallel modules capable solution
- Multiphase and current sharing operations (180°/22.5°
steps)
• Programmable output voltage
- 0.6V to 2.5V output voltage settings
- ±1% accuracy over line/load/temperature
• ChargeMode™ control loop architecture
- 296kHz to 1.06MHz fixed switching frequency operations
- No compensation required
- Fast single clock cycle transient response
• PMBus interface and/or pin-strap mode
- Fully programmable through PMBus
- Pin-strap mode for standard settings
- Real-time telemetry for VIN, VOUT, IOUT, temperature, duty
cycle and fSW
• Advanced soft-start/stop, sequencing and margining
• On-board nonvolatile memory
• Complete over/undervoltage, current and temperature
protections with fault logging
• PowerNavigator™ supported
• Thermally enhanced 18mmx23mmx7.5mm HDA package

Applications
• Server, telecom, storage and datacom
• Industrial/ATE and networking equipment
• General purpose power for ASIC, FPGA, DSP and memory




Similar Part No. - ISL8273M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8273M RENESAS-ISL8273M Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8273MAIRZ RENESAS-ISL8273MAIRZ Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8273MCIRZ RENESAS-ISL8273MCIRZ Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8273MDIRZ RENESAS-ISL8273MDIRZ Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8273MEVAL1Z RENESAS-ISL8273MEVAL1Z Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
More results


Similar Description - ISL8273M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
Digital DC/DC PMBus 10A Power Module
January 22, 2015
logo
Linear Technology
LTM4676AEY LINER-LTM4676AEY Datasheet
1Mb / 16P
130A Step-Down 關Module Regulator with PMBus Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
Renesas Technology Corp
ISL8273M RENESAS-ISL8273M Datasheet
2Mb / 59P
80A Single Channel Digital PMBus Step-Down Power Module
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
Digital DC/DC PMBus 6A Power Module
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com