Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5224 Datasheet (PDF) - Intersil Corporation

EL5224 Datasheet PDF - Intersil Corporation
Part # EL5224
Download  EL5224 Download
File Size   506.02 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier

EL5224 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5224 Datasheet PDF - Intersil Corporation

Part # EL5224
Download  EL5224 Click to download

File Size   506.02 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier

EL5224 Datasheet (HTML) - Intersil Corporation


EL5224 Product details

The EL5224, EL5324, and EL5424 feature 8, 10, and 12 low
power buffers, respectively, and one high power output
amplifier. They are designed primarily for buffering column
driver reference voltages in TFT-LCD applications as well as
generation of the VCOM supply. Each low power buffer
features a -3dB bandwidth of 12MHz and features rail-to-rail
input/output capability. The high power buffer can drive
100mA and swings to within 2V of each rail.
The 8-channel EL5224 is available in 24-pin QFN and 24-pin
HTSSOP packages, the 10-channel EL5324 is available in
32-pin QFN and 28-pin HTSSOP packages, and the
12-channel EL5424 is available in the 32-pin QFN package.
They are specified for operation over the full -40°C to +85°C
temperature range.

Features
• 8, 10, and 12 channel versions
• 12MHz -3dB buffer bandwidth
• 150mA VCOM buffer
• Operating supply voltage from 4.5V to 16.5V
• Low supply current - 6mA total (8-channel version)
• Rail-to-rail input/output swing (buffers only)
• QFN package - just 0.9mm high
• Pb-Free available (RoHS compliant)

Applications
• TFT-LCD column driver buffering and VCOM supply
• Electronics notebooks
• Computer monitors
• Electronics games
• Touch-screen displays
• Portable instrumentation




Similar Part No. - EL5224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5224 INTERSIL-EL5224 Datasheet
589Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
589Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5224IL-T13 INTERSIL-EL5224IL-T13 Datasheet
589Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5224IL-T7 INTERSIL-EL5224IL-T7 Datasheet
589Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
More results


Similar Description - EL5224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
November 19, 2004
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 25, 2009
EL5120T INTERSIL-EL5120T Datasheet
511Kb / 14P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 27, 2012
EL5220T INTERSIL-EL5220T Datasheet
387Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420TILZ INTERSIL-EL5420TILZ Datasheet
430Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
September 8, 2015
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
12MHz Rail-to-Rail Input-Output Operational Amplifier
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
EL5420T RENESAS-EL5420T Datasheet
797Kb / 17P
12MHz Rail-to-Rail Input-Output Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com