Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL80102EVAL2Z Datasheet (PDF) - Intersil Corporation

ISL80102EVAL2Z Datasheet PDF - Intersil Corporation
Part # ISL80102EVAL2Z
Download  ISL80102EVAL2Z Download
File Size   746.79 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 2A and 3A Linear Regulators

ISL80102EVAL2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80102EVAL2Z Datasheet PDF - Intersil Corporation

Part # ISL80102EVAL2Z
Download  ISL80102EVAL2Z Click to download

File Size   746.79 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 2A and 3A Linear Regulators

ISL80102EVAL2Z Datasheet (HTML) - Intersil Corporation


ISL80102EVAL2Z Product details

The ISL80102 and ISL80103 are low voltage, high-current, single
output LDOs specified for 2A and 3A output current, respectively.
These LDOs operate from the input voltages of 2.2V to 6V and
are capable of providing the output voltages of 0.8V to 5V on the
adjustable VOUT versions. Fixed output voltage options are
available in 1.8V, 2.5V, 3.3V and 5V. Other custom voltage
options available upon request.
For applications that demand in-rush current less than the
current limit, an external capacitor on the soft-start pin provides
adjustment. The ENABLE feature allows the part to be placed into
a low quiescent current shutdown mode. A sub-micron BiCMOS
process is utilized for this product family to deliver the best in
class analog performance and overall value.
These CMOS (LDOs) will consume significantly lower quiescent
current as a function of load over bipolar LDOs, which translates
into higher efficiency and the ability to consider packages with
smaller footprints. The quiescent current has been modestly
compromised to enable a leading class fast load transient
response, and hence a lower total AC regulation band for an LDO
in this category.

Features
• Stable with all capacitor types (Note 10)
• 2A and 3A output current ratings
• 2.2V to 6V input voltage range
• ±1.8% VOUT accuracy guaranteed over line, load and
TJ = -40°C to +125°C
• Very low 120mV dropout voltage at 3A (ISL80103)
• Fixed and adjustable VOUT versions
• Very fast transient response
• Excellent 62dB PSRR
• 100µVRMS output noise
• Power-good output
• Adjustable in-rush current limiting
• Short circuit and over-temperature protection
• Available in a 10 Ld DFN
• Servers
• Telecommunications and networking
• Medical equipment
• Instrumentation systems
• Routers and switchers




Similar Part No. - ISL80102EVAL2Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102EVAL2Z INTERSIL-ISL80102EVAL2Z Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102EVAL2Z RENESAS-ISL80102EVAL2Z Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
ISL80102EVAL2Z RENESAS-ISL80102EVAL2Z Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
Jun 11, 2020
More results


Similar Description - ISL80102EVAL2Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Feb-2003
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Dec-2005
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
High performance 2A ULDO linear regulator
07-May-2007
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
High Performance 2A and 3A LDOs
September 30, 2009
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
High Performance 2A and 3A Linear Regulators
March 22, 2010
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
High Performance 2A and 3A Linear Regulators
March 24, 2011
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
4A, High-Performance LDO Linear Regulators
2020
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com