Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2105ALNF Datasheet (PDF) - Intersil Corporation

ZL2105ALNF Datasheet PDF - Intersil Corporation
Part # ZL2105ALNF
Download  ZL2105ALNF Download
File Size   1250.29 Kbytes
Page   36 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A Integrated Digital DC-DC Converter

ZL2105ALNF Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2105ALNF Datasheet PDF - Intersil Corporation

Part # ZL2105ALNF
Download  ZL2105ALNF Click to download

File Size   1250.29 Kbytes
Page   36 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3A Integrated Digital DC-DC Converter

ZL2105ALNF Datasheet (HTML) - Intersil Corporation


ZL2105ALNF Product details

Description
The ZL2105 is an innovative power conversion and
management IC that combines an integrated
synchronous step-down DC-DC converter with key
power management functions in a small package,
resulting in a flexible and integrated solution.
Zilker Labs Digital-DC™ technology enables
unparalleled power management integration while
delivering industry-leading performance in a tiny
footprint.
The ZL2105 can provide an output voltage from
0.6 V to 5.5 V from an input voltage between 4.5 V
and 14 V. Internal 4.5 A low RDS(ON) synchronous
power MOSFETs enable the ZL2105 to deliver
continuous loads up to 3 A with high efficiency,
and an internal Schottky bootstrap diode further
reduces discrete component count. The ZL2105
also supports phase spreading for reduced system
capacitance.
Power management features such as digital softstart delay and ramp, sequencing, tracking, and
margining can be configured by simple pinstrapping or through an on-chip serial port. The
ZL2105 uses standard PMBus™ protocol for
communicating with other devices to provide
intelligent system power management.

Features
Power Conversion
 High efficiency
 3 A continuous output current
 Integrated MOSFET switches
 4.5 V to 14 V input range
 0.54 V to 5.5 V output range (with margin)
 ±1% output voltage accuracy
 200 kHz to 2 MHz switching frequency
 Supports phase spreading
 Small footprint (6 x 6 mm QFN package)
Power Management
 Digital soft start/stop
 Precision delay and ramp-up
 Power good/enable
 Voltage tracking, sequencing, and margining
 Output voltage/current monitoring
 Thermal monitor w/ shutdown
 Non-volatile memory
 I
2C/SMBus™ communication bus
 PMBus compatible

Applications
 Telecom and storage equipment
 Digital set-top box
 Industrial supplies
 12 V distributed power systems
 Point of load converters




Similar Part No. - ZL2105ALNF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2105ALNFT INTERSIL-ZL2105ALNFT Datasheet
650Kb / 36P
3A Integrated Digital DC-DC Converter
February 18, 2009
ZL2105ALNFT1 INTERSIL-ZL2105ALNFT1 Datasheet
650Kb / 36P
3A Integrated Digital DC-DC Converter
February 18, 2009
More results


Similar Description - ZL2105ALNF

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ030P03 ROHM-RSQ030P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3A)
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
Intersil Corporation
ZL2105 INTERSIL-ZL2105 Datasheet
650Kb / 36P
3A Integrated Digital DC-DC Converter
February 18, 2009
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Intersil Corporation
ZL2103 INTERSIL-ZL2103 Datasheet
929Kb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
May 3, 2011
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
logo
Renesas Technology Corp
ZL2103 RENESAS-ZL2103 Datasheet
1Mb / 28P
3A Digital-DC Synchronous Step-Down DC/DC Converter
ZL2105 RENESAS-ZL2105 Datasheet
1Mb / 36P
3A Integrated Digital DC-DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com