Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5020 Datasheet (PDF) - Micrel Semiconductor

MIC5020 Datasheet PDF - Micrel Semiconductor
Part # MIC5020
Download  MIC5020 Download
File Size   99.42 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Sensing Low-Side MOSFET Driver

MIC5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5020 Datasheet PDF - Micrel Semiconductor

Part # MIC5020
Download  MIC5020 Click to download

File Size   99.42 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Current-Sensing Low-Side MOSFET Driver

MIC5020 Datasheet (HTML) - Micrel Semiconductor


MIC5020 Product details

General Description
The MIC5020 low-side MOSFET driver is designed to operate at frequencies greater than 100kHz (5kHz PWM for 2% to 100% duty cycle) and is an ideal choice for high-speed applications such as motor control, SMPS (switch mode power supplies), and applications using IGBTs. The MIC5020 can also operate as a circuit breaker with or without automatic retry. The MIC5020’s maximum supply voltage lends itself to control applications using up to 50V. The MIC5020 can control MOSFETs that switch voltages greater than 50V

Features
• 11V to 50V operation
• 175ns rise/fall time driving 2000pF
• TTL compatible input with internal pull-down resistor
• Overcurrent limit
• Fault output indication
• Gate to source protection
• Compatible with current sensing MOSFETs

Applications
• Lamp control
• Heater control
• Motor control
• Solenoid switching
• Switch-mode power supplies
• Circuit breaker




Similar Part No. - MIC5020

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC5020BM MICREL-MIC5020BM Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
More results


Similar Description - MIC5020

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2121 IRF-IR2121 Datasheet
452Kb / 15P
CURRENT LIMITING LOW SIDE DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
logo
International Rectifier
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
logo
STMicroelectronics
STEVAL-ILL048V1 STMICROELECTRONICS-STEVAL-ILL048V1 Datasheet
164Kb / 4P
High-side current sensing feedback
27-Jan-2015
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com