Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29003 Datasheet (PDF) - Intersil Corporation

ISL29003 Datasheet PDF - Intersil Corporation
Part # ISL29003
Download  ISL29003 Download
File Size   374.22 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29003 Datasheet PDF - Intersil Corporation

Part # ISL29003
Download  ISL29003 Click to download

File Size   374.22 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface

ISL29003 Datasheet (HTML) - Intersil Corporation


ISL29003 Product details

The ISL29003 is an integrated light sensors with a 16-bit
integrating type ADC, I2C user programmable lux range
select for optimized counts/lux, and I2C multi-function control
and monitoring capabilities. The internal ADC provides 16-bit
resolution while rejecting 50Hz and 60Hz flicker caused by
artificial light sources.
In normal operation, power consumption is less than 300µA.
Furthermore, an available software power-down mode
controlled via the I2C interface reduces power consumption
to less than 1µA.
The ISL29003 supports a hardware interrupt that remains
asserted low until the host clears it through I2C interface.
Designed to operate on supplies from 2.5V to 3.3V, the
ISL29003 is specified for operation over the -40°C to +85°C
ambient temperature range.

Features
• Range select via I2C
- Range 1 = 0 lux to 1000 lux
- Range 2 = 0 lux to 4000 lux
- Range 3 = 0 lux to 16,000 lux
- Range 4 = 0 lux to 64,000 lux
• Human eye response (540nm peak sensitivity)
• Temperature compensated
• 16-bit resolution
• Adjustable resolution: up to 65 counts per lux
• User-programmable upper and lower threshold interrupt
• Simple output code, directly proportional to lux
• IR + UV rejection
• 50Hz/60Hz rejection
• 2.5V to 3.3V supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)

Applications
• Ambient light sensing
• Backlight control
• Temperature control systems
• Contrast control
• Camera light meters
• Lighting controls




Similar Part No. - ISL29003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
More results


Similar Description - ISL29003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
December 21, 2006
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
February 13, 2008
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
October 8, 2007
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
December 10, 2008
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
August 8, 2008
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com