Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29101 Datasheet (PDF) - Intersil Corporation

ISL29101 Datasheet PDF - Intersil Corporation
Part # ISL29101
Download  ISL29101 Download
File Size   576.74 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Small, Low Power, Voltage-Output Ambient Light Photo Detect IC

ISL29101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29101 Datasheet PDF - Intersil Corporation

Part # ISL29101
Download  ISL29101 Click to download

File Size   576.74 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Small, Low Power, Voltage-Output Ambient Light Photo Detect IC

ISL29101 Datasheet (HTML) - Intersil Corporation


ISL29101 Product details

The ISL29101 is a low power ambient Light-to-Voltage
optical sensor combining a photodiode array, a current
amplifier and a micropower operational amplifier on a single
monolithic IC. Similar to the human eye, the photodiode
array has a peak response at 550nm and spans from 400nm
to 600nm, rejecting UV light and IR light. The output voltage
is proportional to the visible light intensity from 0.5 lux up to
10,000 lux. However, the input luminance range can go up to
30,000 lux with some compromise in linearity.
A dark current compensation circuit aids the photodiode array
to minimize temperature dependent leakage currents in the
absence of light, improving the light sensity at low lux levels.
Housed in an ultra-compact surface mount 2mmx2.1mm
ODFN clear plastic package, this device is excellent for
power saving control functions in cell phones, PDAs, and
other handheld applications.

Features
• 0.5 lux to 10,000 lux range
• 1.8V to 3.3V supply range
• Low supply current
• Fast response time
• Excellent linearity of output voltage vs light intensity
• Close to human eye response
• Good IR rejection
• Internal temperature compensation
• Operating temperature range -40°C to +85°C
• Ultra-compact surface mount package
• Pb-free (RoHS compliant)

Applications
• Display and keypad dimming for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpod
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing




Similar Part No. - ISL29101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101IROZ-EVALZ INTERSIL-ISL29101IROZ-EVALZ Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
logo
Renesas Technology Corp
ISL29101IROZ-EVALZ RENESAS-ISL29101IROZ-EVALZ Datasheet
803Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
More results


Similar Description - ISL29101

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
Ambient Light Photo Detect IC
February 9, 2007
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
Ambient Light Photo Detect IC
February 6, 2007
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
September 21, 2010
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
July 1, 2008
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
Ambient Light Photo Detect IC
September 18, 2009
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
Ambient Light Photo Detect IC
September 2, 2008
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com