Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C04A-25IP Datasheet (PDF) - Microchip Technology

27C04A-25IP Datasheet PDF - Microchip Technology
Part # 27C04A-25IP
Download  27C04A-25IP Download
File Size   59.67 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K (512 x 8) CMOS EEPROM

27C04A-25IP Datasheet (PDF)

Go To PDF Page Download Datasheet
27C04A-25IP Datasheet PDF - Microchip Technology

Part # 27C04A-25IP
Download  27C04A-25IP Click to download

File Size   59.67 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4K (512 x 8) CMOS EEPROM

27C04A-25IP Datasheet (HTML) - Microchip Technology


27C04A-25IP Product details

DESCRIPTION

The Microchip Technology Inc. 28C04A is a CMOS 4K non-volatile electrically Erasable and Programmable Read Only Memory (EEPROM). The 28C04A is accessed like a static RAM for the read or write cycles without the need of external components. During a “byte write”, the address and data are latched internally, freeing the microprocessor address and data bus for other operations. Following the initiation of write cycle, the device will go to a busy state and automatically clear and write the latched data using an internal control timer.



FEATURES

• Fast Read Access Time—150 ns

• CMOS Technology for Low Power Dissipation

- 30 mA Active

- 100 µA Standby

• Fast Byte Write Time—200 µs or 1 ms

• Data Retention >200 years

• Endurance - Minimum 104 Erase/Write Cycles

- Automatic Write Operation

- Internal Control Timer

- Auto-Clear Before Write Operation

- On-Chip Address and Data Latches

• Data Polling

• Chip Clear Operation

• Enhanced Data Protection

- VCC Detector

- Pulse Filter

- Write Inhibit

• 5-Volt-Only Operation

• Organized 512x8 JEDEC standard pinout

- 24-pin Dual-In-Line Package

- 32-pin PLCC Package

• Available for Extended Temperature Ranges:

- Commercial: 0°C to +70°C

- Industrial: -40°C to +85°C




Similar Part No. - 27C04A-25IP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C040 FAIRCHILD-27C040 Datasheet
106Kb / 11P
4,194,304-Bit 512K x 8 High Performance CMOS EPROM
27C040 FAIRCHILD-27C040 Datasheet
111Kb / 11P
4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
ATMEL Corporation
27C040 ATMEL-27C040 Datasheet
194Kb / 13P
4-Megabit 512K x 8 OTP EPROM
logo
NXP Semiconductors
27C040 PHILIPS-27C040 Datasheet
481Kb / 14P
4 MEG COMS EPROM(512K x 8)
November 1990
More results


Similar Description - 27C04A-25IP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
Jul-1997
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
logo
Hitachi Semiconductor
HN58X2402SI HITACHI-HN58X2402SI Datasheet
62Kb / 19P
Two-wire serial interface (2k EEPROM 256-word x 8-bit) 4k EEPROM (512-word x 8-bit)
logo
List of Unclassifed Man...
24C04 ETC1-24C04 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Microchip Technology
28C04A MICROCHIP-28C04A_04 Datasheet
127Kb / 10P
4K (512 x 8) CMOS EEPROM
2004
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT24HC04B ATMEL-AT24HC04B Datasheet
617Kb / 19P
Two-wire Serial EEPROM 4K (512 x 8)
logo
Renesas Technology Corp
X4043 RENESAS-X4043 Datasheet
908Kb / 24P
4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com