Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC818 Datasheet (PDF) - Microchip Technology

TC818 Datasheet PDF - Microchip Technology
Part # TC818
Download  TC818 Download
File Size   583.58 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display

TC818 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC818 Datasheet PDF - Microchip Technology

Part # TC818
Download  TC818 Click to download

File Size   583.58 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display

TC818 Datasheet (HTML) - Microchip Technology


TC818 Product details

General Description
The TC818A is an integrating analog-to-digital converter (ADC) with a 3-1/2 digit numeric LCD driver, automatic ranging, and single 9V battery operation. The numeric display provides 0.05% resolution and a full set of annunciators that spell out the TC818As many operating modes.

Features
• Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
• Annunciator Outputs Permit Customizing of LCD
• Auto-Range Operation for AC and DC Voltage and Resistance Measurements
• Two User Selected AC/DC
• Current Ranges: 20mA and 200mA
• 22 Operating Ranges: 9 DC/AC Voltage
• 4 AC/DC Current
• 9 Resistance and Low Power Ohms
• Display Hold Function
• 3-1/2 Digit Resolution in Auto-Range Mode: 1/2000
• Extended Resolution in Manual Range Mode: 1/3000
• Internal AC-to-DC Conversion Op Amp
• Triplex LCD Drive for Decimal Points, Digits,
• Bar Graphs, and Annunciators
• Continuity Detection and Piezoelectric Transducer Driver
• Low Drift Internal Reference: 75ppm/°C
• 9V Battery Operation: 10mW
• Low Battery Detection and LCD Annunciator




Similar Part No. - TC818

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CKW TELCOM-TC811CKW Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811CKW MICROCHIP-TC811CKW Datasheet
120Kb / 14P
3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
TelCom Semiconductor, I...
TC811CPL TELCOM-TC811CPL Datasheet
171Kb / 12P
3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
More results


Similar Description - TC818

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
logo
Teledyne Technologies I...
TC8750 TELEDYNE-TC8750 Datasheet
537Kb / 8P
3-1/2 DIGIT Analog-to-digital converter with parallel bdc output
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
3-1/2 Digit, Analog-to-Digital Converter
2008
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com