Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet (PDF) - Microchip Technology

TC7136 Datasheet PDF - Microchip Technology
Part # TC7136
Download  TC7136 Download
File Size   534.67 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Power 3-1/2 Digit Analog-to-Digital Converter

TC7136 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7136 Datasheet PDF - Microchip Technology

Part # TC7136
Download  TC7136 Click to download

File Size   534.67 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Power 3-1/2 Digit Analog-to-Digital Converter

TC7136 Datasheet (HTML) - Microchip Technology


TC7136 Product details

GENERAL DESCRIPTION
The TC7136 and TC7136A are low-power, 3-1/2 digit with liquid crystal display (LCD) drivers with analog-to-digital converters. These devices incorporate an "integrator output zero" phase which guarantees overrange recovery. The performance of existing TC7126, TC7126A and ICL7126-based systems may be upgraded with minor changes to external, passive components.

FEATURES
■ Fast Overrange Recovery, Guaranteed First Reading Accuracy
■ Low Temperature Drift Internal Reference
    TC7136 ....................................... 70 ppm/°C Typ
    TC7136A ..................................... 35 ppm/°C Typ
■ Guaranteed Zero Reading With Zero Input
■ Low Noise .................................................... 15 µVP-P
■ High Resolution .............................................. 0.05%
■ Low Input Leakage Current ...................... 1 pA Typ
                                                                       10 pA Max
■ Precision Null Detectors With True Polarity at Zero
■ High-Impedance Differential Input
■ Convenient 9V Battery Operation With
    Low Power Dissipation ........................ 500 µW Typ
                                                                   900 µW Max

TYPICAL APPLICATIONS
■ Thermometry
■ Bridge Readouts: Strain Gauges, Load Cells, Null Detectors
■ Digital Meters: Voltage/Current/Ohms/Power, pH
■ Digital Scales, Process Monitors
■ Portable Instrumentation




Similar Part No. - TC7136

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136A TELCOM-TC7136A Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACKW TELCOM-TC7136ACKW Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACLW TELCOM-TC7136ACLW Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACPL TELCOM-TC7136ACPL Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results


Similar Description - TC7136

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
3-1/2 Digit, Analog-to-Digital Converter
2008
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com