Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology TC7136 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 9
TC7136/TC7136A
3.0
DETAILED DESCRIPTION
(All Pin Designations Refer to 40-Pin PDIP.)
3.1
Dual Slope Conversion Principles
The TC7136/A is a dual slope, integrating analog-to-
digital converter. An understanding of the dual slope
conversion technique will aid in following detailed
TC7136/A operational theory.
The conventional dual slope converter measurement
cycle has two distinct phases (see Figure 3-1).
1.
Input signal integration
2.
Reference voltage integration (de-integration)
The input signal being converted is integrated for a
fixed time period (tSI), measured by counting clock
pulses. An opposite polarity constant reference voltage
is then integrated until the integrator output voltage
returns to zero. The reference integration time is
directly proportional to the input signal (tRI).
In a simple dual slope converter, a complete conver-
sion requires the integrator output to "ramp up" and
"ramp down."
A simple mathematical equation relates the input
signal, reference voltage, and integration time:
EQUATION 3-1:
For a constant VIN:
EQUATION 3-2:
FIGURE 3-1:
BASIC DUAL SLOPE
CONVERTER
FIGURE 3-2:
NORMAL MODE
REJECTION OF DUAL
SLOPE CONVERTER
The dual slope converter accuracy is unrelated to the
integrating resistor and capacitor values, as long as
they are stable during a measurement cycle. Noise
immunity is an inherent benefit. Noise spikes are inte-
grated or averaged to zero during integration periods.
Integrating ADCs are immune to the large conversion
errors that plague successive approximation convert-
ers in high noise environments. Interfering signals with
frequency components at multiples of the averaging
period will be attenuated. Integrating ADCs commonly
operate with the signal integration period set to a
multiple of the 50Hz/60Hz power line period.
1
RC
---------
V
IN
t
() t
d
0
t
SI
V
R
t
RI
RC
------------
=
Where:
VR = Reference voltage
tSI = Signal integration time (fixed)
tRI = Reference voltage integration time
(variable)
V
IN
V
R
t
RI
t
SI
--------
=
REF
Voltage
Analog Input
Signal
Display
Switch
Driver
Control
Logic
Clock
Counter
Polarity Control
Phase
Control
VIN ≈ VREF
VIN ≈ 1/2 VREF
Variable
Reference
Integrate
Time
Fixed
Signal
Integrate
Time
Integrator
Comparator
CINT
30
20
10
0
0.1/t
1/t
10/t
Input Frequency
t = Measured Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com