Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 4Page - Microchip Technology TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TC7136/TC7136A
DS21461B-page 8
© 2002 Microchip Technology Inc.
34
(7)
CREF+A 0.1µF capacitor is used in most applications. If a large Common mode voltage
exists (for example, the VIN- pin is not at analog common) and a 200mV scale is
used, a 1
µF capacitor is recommended, which will hold the rollover error to
0.5 count.
35
(6)
VREF-See Pin 36.
(5)
VREF+
The analog input required to generate a full scale output (1999 counts). Place
100mV between Pins 35 and 36 for 199.9mV full scale. Place 1V between Pins 35
and 36 for 2V full scale. See Section 6.6, Reference Voltage.
36
(4)
TEST
Lamp test. When pulled HIGH (to V+), all segments will be turned ON and the
display should read -1888. It may also be used as a negative supply for externally
generated decimal points. See Section 7.4, Test for additional information.
37
(3)
OSC3
See Pin 40.
38
(2)
OSC2
See Pin 40.
39
(1)
OSC1
Pins 40, 39 and 38 make up the oscillator section. For a 48kHz clock
(3 readings per second), connect Pin 40 to the junction of a 180k
Ω resistor and a
50pF capacitor. The 180k
Ω resistor is tied to Pin 39 and the 50pF capacitor is tied
to Pin 38.
TABLE 2-1:
PIN DESCRIPTION (CONTINUED)
Pin Number
(40-Pin PDIP)
Normal
(Reverse)
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com