Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 1 Page - Microchip Technology

  TC7136 Datasheet HTML 1Page - Microchip Technology TC7136 Datasheet HTML 2Page - Microchip Technology TC7136 Datasheet HTML 3Page - Microchip Technology TC7136 Datasheet HTML 4Page - Microchip Technology TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 1
TC7136/TC7136A
Features
• Fast Over Range Recovery, Ensured First Reading
Accuracy
• Low Temperature Drift Internal Reference
- TC7136: 70ppm/°C (Typ.)
- TC7136A: 35ppm/°C (Typ.)
• Zero Reading with Zero Input
• Low Noise: 15
µVP-P
• High Resolution: 0.05%
• Low Input Leakage Current: 1pA (Typ.)/10pA (Max.)
• Precision Null Detectors with True Polarity at Zero
• High-Impedance Differential Input
• Convenient 9V Battery Operation with Low Power
Dissipation: 500
µW (Typ.)/900µW(Max.)
Applications
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells,
Null Detectors
• Digital Meters: Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
• Portable Instrumentation
Device Selection Table
General Description
The TC7136 and TC7136A are low power, 3-1/2 digit
with liquid crystal display (LCD) drivers and analog-to-
digital converters. These devices incorporate an "inte-
grator output zero" phase, which enables over range
recovery.
The
performance
of
existing
TC7126,
TC7126A and ICL7126 based systems may be
upgraded with minor changes to external, passive
components.
The TC7136A has an improved internal zener refer-
ence voltage circuit which maintains the analog com-
mon temperature drift to 35ppm/°C (typical) and
75ppm/°C (maximum). This represents an improve-
ment of two to four times over similar 3-1/2 digit con-
verters.
The
costly,
space
consuming
external
reference source may be removed.
The TC7136 and TC7136A limit linearity error to less
than 1 count on 200mV or 2V full scale ranges. The roll-
over error (the difference in readings for equal magni-
tude, but opposite polarity input signals) is below ±1
count. High-impedance differential inputs offer 1pA
leakage currents and a 1012
Ω input impedance. The
differential reference input allows ratiometric measure-
ments for ohms or bridge transducer measurements.
The 15
µVP-P noise performance ensures a "rock solid"
reading. The auto-zero cycle enables a zero display
readout for a 0V input.
Part Number
Package
Temperature
Range
TC7136 CPI
40-Pin PDIP
0
°Cto +70°C
TC7136 CKW
44-Pin PQFP
0
°Cto +70°C
TC7136 CLW
44-Pin PLCC
0
°Cto +70°C
TC7136A CPI
40-Pin PDIP
0
°Cto +70°C
TC7136A CKW
44-Pin PQFP
0
°Cto +70°C
TC7136A CLW
44-Pin PLCC
0
°Cto +70°C
Low Power 3-1/2 Digit Analog-to-Digital Converter


Similar Part No. - TC7136

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136A TELCOM-TC7136A Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACKW TELCOM-TC7136ACKW Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACLW TELCOM-TC7136ACLW Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7136ACPL TELCOM-TC7136ACPL Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TC7136

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
3-1/2 Digit, Analog-to-Digital Converter
2002
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
3-1/2 Digit, Analog-to-Digital Converter
2008
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com