Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 3Page - Microchip Technology TC7136 Datasheet HTML 4Page - Microchip Technology TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 7
TC7136/TC7136A
2.0
PIN DESCRIPTIONS
Thedescriptionsof the pins arelistedinTable2-1.
TABLE 2-1:
PIN DESCRIPTION
Pin Number
(40-Pin PDIP)
Normal
(Reverse)
Symbol
Description
1
(40)
V+
Positive supply voltage.
2(39)
D1
Activates the D section of the units display.
3(38)
C1
Activates the C section of the units display.
4(37)
B1
Activates the B section of the units display.
5(36)
A1
Activates the A section of the units display.
6(35)
F1
Activates the F section of the units display.
7(34)
G1
Activates the G section of the units display.
8(33)
E1
Activates the E section of the units display.
9(32)
D2
Activates the D section of the tens display.
10
(31)
C2
Activates the C section of the tens display.
11
(30)
B2
Activates the B section of the tens display.
12
(29)
A2
Activates the A section of the tens display.
13
(28)
F2
Activates the F section of the tens display.
14
(27)
E2
Activates the E section of the tens display.
15
(26)
D3
Activates the D section of the hundreds display.
16
(25)
B3
Activates the B section of the hundreds display.
17
(24)
F3
Activates the F section of the hundreds display.
18
(23)
E3
Activates the E section of the hundreds display.
19
(22)
AB4
Activates both halves of the 1 in the thousands display.
20
(21)
POL
Activates the negative polarity display.
21
(20)
BP
Backplane drive output.
22
(19)
G3
Activates the G section of the hundreds display.
23
(18)
A3
Activates the A section of the hundreds display.
24
(17)
C3
Activates the C section of the hundreds display.
25
(16)
G2
Activates the G section of the tens display.
26
(15)
V-
Negative power supply voltage.
27
(14)
VINT
The integrating capacitor should be selected to give the maximum voltage swing
that ensures component tolerance buildup will not allow the integrator output to sat-
urate. When analog common is used as a reference and the conversion rate is 3
readings per second, a 0.047
µF capacitor may be used. The capacitor must have a
low dielectric constant to prevent rollover errors. See Section 6.3, Integrating
Capacitor for additional details.
28
(13)
VBUFF
Integration resistor connection. Use a 180k
Ω for a 20mV full scale range and a
1.8M
Ω for 2V full scale range.
29
(12)
CAZ
The size of the auto-zero capacitor influences the system noise. Use a 0.47
µF
capacitor for a 200mV full scale and a 0.1
µF capacitor for a 2V full scale.
See Section 6.1, Auto-Zero Capacitor for more details.
30
(11)
VIN-
The low input signal is connected to this pin.
31
(10)
VIN+
The high input signal is connected to this pin.
32
(9)
ANALOG
COMMON
This pin is primarily used to set the Analog Common mode voltage for battery
operation, or in systems where the input signal is referenced to the power supply.
See Section 7.3, Analog Common for more details. It also acts as a reference
voltage source.
33
(8)
CREF-See Pin 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com