Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology TC7136 Datasheet HTML 13Page - Microchip Technology TC7136 Datasheet HTML 14Page - Microchip Technology TC7136 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 11
TC7136/TC7136A
5.0
DIGITAL SECTION
The TC7136/A contains all the segment drivers neces-
sary to directly drive a 3-1/2 digit LCD. An LCD back-
plane driver is included. The backplane frequency is
the external clock frequency divided by 800. For three
conversions per second, the backplane frequency is
60Hz with a 5V nominal amplitude. When a segment
driver is in phase with the backplane signal, the seg-
ment is OFF. An out-of-phase segment drive signal
causes the segment to be ON, or visible. This AC drive
configuration results in negligible DC voltage across
each LCD segment, ensuring long LCD life. The polar-
ity segment driver is ON for negative analog inputs. If
VIN+and VIN- are reversed, this indicator would
reverse.
On the TC7136/A, when the TEST pin is pulled to V+,
all segments are turned ON. The display reads -1888.
During this mode, the LCD segments have a constant
DC voltage impressed.
The display font and segment drive assignment are
shown in Figure 5-1.
FIGURE 5-1:
DISPLAY FONT AND
SEGMENT ASSIGNMENT
5.1
System Timing
The oscillator frequency is divided by 4 prior to clocking
the internal decade counters. The four-phase mea-
surement cycle takes a total of 4000 counts, or 16,000
clock pulses. The 4000 count cycle is independent of
input signal magnitude.
Each phase of the measurement cycle has the
following length:
1.
Auto-zero phase: 3000 to 2900 counts
(1200 to 11,600 clock pulses)
2.
Signal integrate: 1000 counts
(4000 clock pulses)
This time period is fixed. The integration period is:
EQUATION 5-1:
3.
Reference integrate: 0 to 2000 counts
4.
Zero integrator: 11 to 640 counts
The TC7136 is a drop-in replacement for the TC7126
and ICL7126. The TC7136A offers a greatly improved
internal reference temperature coefficient. Minor com-
ponent value changes are required to upgrade existing
designs and improve the noise performance.
6.0
COMPONENT VALUE
SELECTION
6.1
Auto-Zero Capacitor (CAZ)
The CAZ capacitor size has some influence on system
noise. A 0.47
µF capacitor is recommended for 200mV
full scale applications, where 1LSB is 100
µV. A 0.1µF
capacitor is adequate for 2V full scale applications. A
Mylar type dielectric capacitor is adequate.
6.2
Reference Voltage Capacitor
(CREF)
The reference voltage, used to ramp the integrator out-
put voltage back to zero during the reference integrate
phase, is stored on CREF.A 0.1µF capacitor is accept-
able when VREF- is tied to analog common. If a large
Common mode voltage exists (VREF- ≠ analog com-
mon) and the application requires a 200mV full scale,
increase CREF to 1µF. Rollover error will beheldtoless
than 0.5 count. A Mylar type dielectric capacitor is
adequate.
6.3
Integrating Capacitor (CINT)
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Ana-
log common will normally supply the differential voltage
reference in this case, a ±2V full scale integrator output
swing is satisfactory. For 3 readings per second
(FOSC = 48kHz), a 0.047µF value is suggested. For
one reading per second, 0.15
µF is recommended. If a
different oscillator frequency is used, CINT must be
changed in inverse proportion to maintain the nominal
±2V integrator swing.
Note:
Do not leave the display in this mode for
more than several minutes. LCDs may be
destroyed if operated with DC levels for
extended periods.
Display Font
1000's
100's
10's
1's
Where:
tSI = 4000
1
FOSC
FOSC is the externally set clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com