Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology TC7136 Datasheet HTML 13Page - Microchip Technology TC7136 Datasheet HTML 14Page - Microchip Technology TC7136 Datasheet HTML 15Page - Microchip Technology TC7136 Datasheet HTML 16Page - Microchip Technology TC7136 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 13
TC7136/TC7136A
7.0
DEVICE PIN FUNCTIONAL
DESCRIPTION
7.1
Differential Signal Inputs
VIN+(Pin31), VIN-(Pin 30)
The TC7136/A is designed with true differential inputs
and accepts input signals within the input stage Com-
mon mode voltage range (VCM). The typical range is
V+ – 1V to V- + 1V. Common mode voltages are
removed from the system when the TC7136A operates
from a battery or floating power source (isolated from
measured system), Common mode voltage removed
in battery operation with VIN = analog common and VIN-
is
connected
to
analog
common
(VCOM)(see
Figure 7-1).
FIGURE 7-1:
COMMON MODE VOLTAGE REMOVED IN BATTERY OPERATION WITH
VIN = ANALOG COMMON
In systems where Common mode voltages exist, the
86dB Common mode rejection ratio minimizes error.
Common mode voltages do, however, affect the inte-
grator output level. A worst case condition exists if a
large positive VCM exists in conjunction with a full scale
negative differential signal. The negative signal drives
the integrator output positive along with VCM (see
Figure 7-2.) For such applications, the integrator out-
put swing can be reduced below the recommended 2V
full scale swing. The integrator output will swing within
0.3V of V+ or V- without increased linearity error.
FIGURE 7-2:
COMMON MODE
VOLTAGE REDUCES
AVAILABLE INTEGRATOR
SWING
(VCOM ≠ VIN)
7.2
Differential Reference
VREF+(Pin36), VREF-(Pin 35)
The reference voltage can be generated anywhere
within the V+ to V- power supply range.
To prevent rollover type errors being induced by large
Common mode voltages, CREF should be large com-
pared to stray node capacitance. The TC7136/A offers
a significantly improved analog common temperature
coefficient. This potential provides a very stable volt-
age, suitable for use as a voltage reference. The
temperature coefficient of analog common is typically
35ppm/°C.
7.3
Analog Common(Pin32)
The analog common pin is set at a voltage potential
approximately 3V below V+. The potential is between
2.7V and 3.35V below V+. Analog common is tied inter-
nally to an N-channel FET, capable of sinking 100
µA.
This FET will hold the common line at 3V below V+ if an
external load attempts to pull the common line toward
V+. Analog common source current is limited to 1
µA.
Analog common is, therefore, easily pulled to a more
negative voltage (i.e., below V+ – 3V).
VBUF
CAZ
VINT
BP
POL
Segment
Drive
OSC1
OSC3
OSC2
V-
V+
VREF+
VREF-
ANALOG
COMMON
V-
V+
V+
GND
GND
Measured
System
Power
Source
9V
LCD
TC7136
TC7136A
+
V-
V+
V-
RI
+
VIN
CI
Integrator
VI =
[
[
VCM = VIN
Input Buffer
CI = Integration capacitor
RI = Integration resistor
4000
FOSC
tI = Integration time =
Where:
VI
+
+
tI
CI
VCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com