Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology TC7136 Datasheet HTML 13Page - Microchip Technology TC7136 Datasheet HTML 14Page - Microchip Technology TC7136 Datasheet HTML 15Page - Microchip Technology TC7136 Datasheet HTML 16Page - Microchip Technology TC7136 Datasheet HTML 17Page - Microchip Technology TC7136 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC7136/TC7136A
DS21461B-page 14
© 2002 Microchip Technology Inc.
The TC7136/A connects the internal VIN+ and VIN-
inputs to analog common during the auto-zero phase.
During the reference integrate phase, VIN- is connected
to analog common. If VIN- is not externally connected to
analog common, a Common mode voltage exists, but
is rejected by the converter's 86dB Common mode
rejection ratio. In battery operation, analog common
and VIN- are usually connected, removing Common
mode voltage concerns. In systems where VIN- is con-
nected to the power supply ground or to a given
voltage, analog common should be connected to VIN-.
The analog common pin serves to set the analog sec-
tion reference, or common point. The TC7136A is spe-
cifically designed to operate from a battery, or in any
measurement system where input signals are not refer-
enced (float), with respect to the TC7136A power
source. The analog common potential of V+ – 3V gives
a 7V end of battery life voltage. The common potential
has a 0.001%/% voltage coefficient.
With
sufficiently
high
total
supply
voltage
(V+ – V- > 7V), analog common is a very stable poten-
tial with excellent temperature stability (typically
35ppm/°C for TC7136A. This potential can be used to
generate the TC7136A's reference voltage. An external
voltage reference will be unnecessary in most cases,
because of the 35ppm/°C temperature coefficient. See
Section 7.5, TC7136A Internal Voltage Reference
discussion.
7.4
TEST (Pin 37)
The TEST pin potential is 5V less than V+. TEST may
be used as the negative power supply connection for
external CMOS logic. The TEST pin is tied to the inter-
nally generated negative logic supply through a 500
Ω
resistor. The TEST pin load should not be more than
1mA. See Section 8.0, Typical Applications for addi-
tional information on using TEST as a negative digital
logic supply.
If TEST is pulled high (to V+), all segments plus the
minus sign will be activated. DO NOT OPERATE IN
THIS MODE FOR MORE THAN SEVERAL MINUTES.
With TEST = V+, the LCD segments are impressed with
a DC voltage which will destroy the LCD.
7.5
TC7136A Internal Voltage
Reference
The TC7136 analog common voltage temperature sta-
bility has been significantly improved (Figure 7-3). The
"A" version of the industry standard TC7136 device
allows users to upgrade old systems and design new
systems without external voltage references. External
R and C values do not need to be changed; however,
noise performance will be improved by increasing CAZ
(see Section 6.1, Auto-Zero Capacitor). Figure 7-4
shows analog common supplying the necessary
voltage reference for the TC7136/A.
FIGURE 7-3:
ANALOG COMMON
TEMPERATURE
COEFFICIENT
FIGURE 7-4:
TC7136A INTERNAL
VOLTAGE REFERENCE
CONNECTION
Typical
Maximum
Maximum
Typical
Typical
No Maximum
Specified
200
180
160
140
120
100
80
60
40
20
0
TC7136
TC7136A
ICL7136
V-
ANALOG
COMMON
TC7136
TC7136A
VREF+
32
35
36
26
240k
Ω
10k
Ω
VREF-
VREF
1
+
9V
Set VREF = 1/2 VREF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com