Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology TC7136 Datasheet HTML 10Page - Microchip Technology TC7136 Datasheet HTML 11Page - Microchip Technology TC7136 Datasheet HTML 12Page - Microchip Technology TC7136 Datasheet HTML 13Page - Microchip Technology TC7136 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TC7136/TC7136A
DS21461B-page 10
© 2002 Microchip Technology Inc.
4.0
ANALOG SECTION
In addition to the basic integrate and de-integrate dual
slope cycles discussed above, the TC7136 and
TC7136A designs incorporate an "integrator output
zero cycle" and an "auto-zero cycle." These additional
cycles ensure the integrator starts at 0V (even after a
severe over range conversion) and that all offset volt-
age errors (buffer amplifier, integrator and comparator)
are removed from the conversion. A true digital zero
reading is assured without any external adjustments.
A complete conversion consists of four distinct phases:
1.
Integrator output zero phase
2.
Auto-zero phase
3.
Signal integrate phase
4.
Reference de-integrate phase
4.1
Integrator Output Zero Phase
This phase ensures the integrator output is at 0V
before the system zero phase is entered. This ensures
that true system offset voltages will be compensated
for, even after an over range conversion. The count for
this phase is a function of the number of counts
required by the de-integrate phase. The count lasts
from 11 to 140 counts for non over range conversions
and from 31 to 640 counts for over range conversions.
4.2
Auto-Zero Phase
During the auto-zero phase, the differential input signal
is disconnected from the circuit by opening internal
analog gates. The internal nodes are shorted to analog
common (ground) to establish a zero input condition.
Additional analog gates close a feedback loop around
the integrator and comparator. This loop permits com-
parator offset voltage error compensation. The voltage
level established on CAZ compensates for device offset
voltages. The auto-zero phase residual is typically
10
µVto15µV.
The auto-zero duration is from 910 to 2900 counts for
non over range conversions and from 300 to 910
counts for over range conversions.
4.3
Signal Integration Phase
The auto-zero loop is entered and the internal differen-
tial inputs connect to VIN+ and VIN-. The differential
input signal is integrated for a fixed time period. The
TC7136/A signal integration period is 1000 clock peri-
ods or counts. The externally set clock frequency is
divided by four before clocking the internal counters.
The integration time period is:
EQUATION 4-1:
The differential input voltage must be within the device
Common mode range when the converter and mea-
sured system share the same power supply common
(ground). If the converter and measured system do not
share the same power supply common, VIN- should be
tied to analog common.
Polarity is determined at the end of signal integrate
phase. The sign bit is a true polarity indication, in that
signals less than 1LSB are correctly determined. This
allows precision null detection, limited only by device
noise and auto-zero residual offsets.
4.4
Reference Integrate Phase
The third phase is reference integrate or de-integrate.
VIN- is internally connected to analog common and
VIN+ is connected across the previously charged refer-
ence capacitor. Circuitry within the chip ensures that
the capacitor will be connected with the correct polarity
to cause the integrator output to return to zero. The
time required for the output to return to zero is propor-
tional to the input signal and is between 0 and 2000
internal clock periods. The digital reading displayed is:
EQUATION 4-2:
FIGURE 4-1:
CONVERSION TIMING
DURING NORMAL
OPERATION
FIGURE 4-2:
CONVERSION TIMING
DURING OVER RANGE
OPERATION
tSI =
x 1000
4
FOSC
Where FOSC = external clock frequency.
1000
V
IN
V
REF
----------------
=
INT
DENT
ZI
AZ
4000
910-2900
1-2000
1000
11-140
AZ
4000
ZI
DEINT
INT
1000
2001-2090
31-640
300-910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com