Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7136
Description  Low Power 3-1/2 Digit Analog-to-Digital Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7136 Datasheet(HTML) 3 Page - Microchip Technology

  TC7136 Datasheet HTML 1Page - Microchip Technology TC7136 Datasheet HTML 2Page - Microchip Technology TC7136 Datasheet HTML 3Page - Microchip Technology TC7136 Datasheet HTML 4Page - Microchip Technology TC7136 Datasheet HTML 5Page - Microchip Technology TC7136 Datasheet HTML 6Page - Microchip Technology TC7136 Datasheet HTML 7Page - Microchip Technology TC7136 Datasheet HTML 8Page - Microchip Technology TC7136 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21461B-page 3
TC7136/TC7136A
Typical Application
VREF+
TC7136
TC7136A
33
34
240k
Ω
10k
Ω
31
29
39
38
40
VREF-
0.47
µF
0.1
µF
V-
OSC1
OSC3
OSC2
To Analog Common (Pin 32)
1 Conversion/Sec
COSC
560k
Ω
180k
Ω
0.15
µF
0.01
µF
Analog
Input
+
–
CREF-
CREF+
VIN+
VIN-
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
1
Segment
Drive
9-19
22-25
POL
BP
V+
Minus Sign
Backplane
28
50pF
LCD
1M
Ω
27
30
32
35
36
9V
+
ROSC
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com