Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2003 Datasheet (PDF) - Micro Linear Corporation

ML2003 Datasheet PDF - Micro Linear Corporation
Part # ML2003
Download  ML2003 Download
File Size   2623.33 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Logarithmic Gain/Attenuator

ML2003 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2003 Datasheet PDF - Micro Linear Corporation

Part # ML2003
Download  ML2003 Click to download

File Size   2623.33 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Logarithmic Gain/Attenuator

ML2003 Datasheet (HTML) - Micro Linear Corporation


ML2003 Product details

General Description
The ML2003 and ML2004 are digitally controlled logarith mic gain/attenuators with a range of –24 to +24 dB in 0.1 dB steps.
The gain settings are selected by a 9-bit digital word. The ML2003 digital interface is either parallel or serial. The ML2004 is packaged in a 14-pin DIP with a serial interface only.

Features
• Low noise: 0 dBrnc max with +24dB gain
• Low harmonic distortion: -60dB max
• Gain range: –24 to +24dB
• Resolution: 0.1dB steps
• Flat frequency response ±0.05dB from .3–4 kHz
                                          ±0.10dB from .1-20 kHz
• Low supply current 4mA max from ±5V supplies
• TTL/CMOS compatible digital interface
• ML2003 has pin selectable serial or parallel
   interface; ML2004 serial interface only




Similar Part No. - ML2003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
ML2003CP FAIRCHILD-ML2003CP Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
ML2003CQ FAIRCHILD-ML2003CQ Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
ML2003IQ FAIRCHILD-ML2003IQ Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
More results


Similar Description - ML2003

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
logo
Dallas Semiconductor
DS1800 DALLAS-DS1800 Datasheet
428Kb / 14P
Dual Inverting Log Gain/Attenuator
logo
Micro Linear Corporatio...
ML2008 MICRO-LINEAR-ML2008 Datasheet
155Kb / 11P
關P Compatible Logarithmic Gain/Attenuator
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
Digital Audio Amplifier Gain Control using Logarithmic
April 21, 2005
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com