Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1800 Datasheet (PDF) - Dallas Semiconductor

DS1800 Datasheet PDF - Dallas Semiconductor
Part # DS1800
Download  DS1800 Download
File Size   428.71 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Inverting Log Gain/Attenuator

DS1800 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1800 Datasheet PDF - Dallas Semiconductor

Part # DS1800
Download  DS1800 Click to download

File Size   428.71 Kbytes
Page   14 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Inverting Log Gain/Attenuator

DS1800 Datasheet (HTML) - Dallas Semiconductor


DS1800 Product details

DESCRIPTION

The DS1800 is a dual audio-taper potentiometer designed specifically for use in the feedback path of the inverting configuration of an operational amplifier (see Figure 2). In this configuration, the DS1800 provides a VO /VI relationship of -20log(RF/RI), giving a gain/attenuation range covering +20 dB to -63 dB. Each potentiometer has a total of 129 positions including mute. The DS1800 provides five areas of resolution, which include: 0.25 dB per step from +20 dB to +3 dB; 0.5 dB per step from +3 dB to -12 dB; 1 dB from -12 dB to -27 dB; 2 dB per step from -27 dB to -47 dB; and 4 dB per step from -47 dB to -63 dB. The mute position provides 100 dB of attenuation.



FEATURES

■ Ultra-low power consumption

■ Operates from 3V or 5V supplies

■ Two digitally controlled, 128-position potentiometers including mute

■ Logarithmic gain characteristics

■ Zero-crossing detection eliminates noise caused by discrete wiper changes

■ Two control interfaces

   - 3-wire serial CPU control

   - Pushbutton control

■ 20-pin DIP (300-mil), 20-pin SOIV (300-mil), and 20-pin (173-mil) TSSOP packaging available

■ Operating Temperature Range:

   - Industrial: -40°C to +85°C

■ Software and hardware mute

■ Standard Resistance Available: 53KΩ



 




Similar Part No. - DS1800

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS180 BRIDGELUX-DS180 Datasheet
1Mb / 17P
EB Series™ Square
06/2019
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
Dual Audio Taper Potentiometer
030300
logo
Dallas Semiconductor
DS1801E DALLAS-DS1801E Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
DS1801S DALLAS-DS1801S Datasheet
229Kb / 10P
Dual Audio Taper Potentiometer
More results


Similar Description - DS1800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
Logarithmic Gain/Attenuator
logo
Linear Integrated Syste...
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
Dallas Semiconductor
DS1808 DALLAS-DS1808 Datasheet
431Kb / 17P
Dual Log Digital Potentiometer
logo
Maxim Integrated Produc...
DS1882 MAXIM-DS1882 Datasheet
237Kb / 15P
Dual Log Audio Digital Potentiometer
Rev 0; 6/06
logo
Zarlink Semiconductor I...
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
Linear Integrated Syste...
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS358 LINEAR-LS358_14 Datasheet
298Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL PNP TRANSISTORS
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com