Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008 Datasheet (PDF) - Micro Linear Corporation

ML2008 Datasheet PDF - Micro Linear Corporation
Part # ML2008
Download  ML2008 Download
File Size   155.46 Kbytes
Page   11 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 關P Compatible Logarithmic Gain/Attenuator

ML2008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2008 Datasheet PDF - Micro Linear Corporation

Part # ML2008
Download  ML2008 Click to download

File Size   155.46 Kbytes
Page   11 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 關P Compatible Logarithmic Gain/Attenuator

ML2008 Datasheet (HTML) - Micro Linear Corporation


ML2008 Product details

GENERAL DESCRIPTION
The ML2008 and ML2009 are digitally controlled logarithmic gain/attenuators with a range of –24 to +24dB in 0.1dB steps.
Easy interface to microprocessors is provided by an input latch and control signals consisting of chip select and write.

FEATURES
■ Low noise 0dBrnc max with +24dB gain
■ Low harmonic distortion –60dB max
■ Gain range –24 to +24dB
■ Resolution 0.1dB steps
■ Flat frequency response ±0.05dB from 0.3-4kHz ±0.10dB from 0.1-20kHz
■ Low supply current 4mA max from ±5V supplies
■ TTL/CMOS compatible digital interface
■ ML2008 is designed to interface to an 8-bit data bus; ML2009 to 16-bit data bus




Similar Part No. - ML2008

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML2002 MINILOGIC-ML2002 Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-1U MINILOGIC-ML2002-1U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
ML2002-2U MINILOGIC-ML2002-2U Datasheet
3Mb / 13P
Static/Half Duty LCD COG Driver with Real Time Clock
ML2002-2U MINILOGIC-ML2002-2U Datasheet
1Mb / 13P
Static/Half Duty LCD COG Driver A Gold Bump Chip which can reduce pin count and area
More results


Similar Description - ML2008

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2003 FAIRCHILD-ML2003 Datasheet
88Kb / 11P
Logarithmic Gain/Attenuator
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX6314 MAXIM-MAX6314 Datasheet
114Kb / 8P
68HC11/Bidirectional-Compatible 關P Reset Circuit
Rev 1; 1/99
MX390 MAXIM-MX390 Datasheet
171Kb / 4P
Quad, 12-Bit, 關P-Compatible DAC
Rev 0; 2/93
MX7542 MAXIM-MX7542 Datasheet
267Kb / 7P
CMOS 關P-Compatible 12-Bit DAC
19-0174; Rev 1; 7/95
logo
Micro Linear Corporatio...
ML2003 MICRO-LINEAR-ML2003 Datasheet
2Mb / 12P
Logarithmic Gain/Attenuator
logo
Intersil Corporation
AN49.0 INTERSIL-AN49.0 Datasheet
155Kb / 2P
Digital Audio Amplifier Gain Control using Logarithmic
April 21, 2005
logo
Analog Devices
AD7542JNZ AD-AD7542JNZ Datasheet
534Kb / 8P
CMOS 關P-Compatible 12-Bit DAC
REV. A
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
Complete 關P Compatible 12-Bit DAC
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com