Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML2008
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML2008 Datasheet HTML 1Page - Micro Linear Corporation ML2008 Datasheet HTML 2Page - Micro Linear Corporation ML2008 Datasheet HTML 3Page - Micro Linear Corporation ML2008 Datasheet HTML 4Page - Micro Linear Corporation ML2008 Datasheet HTML 5Page - Micro Linear Corporation ML2008 Datasheet HTML 6Page - Micro Linear Corporation ML2008 Datasheet HTML 7Page - Micro Linear Corporation ML2008 Datasheet HTML 8Page - Micro Linear Corporation ML2008 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ML2008, ML2009
5
TIMING DIAGRAM
D0-D8
A0
DATA
VALID
tDS
tDH
tAH
tAS
tCSS
tCSH
tPW
CS
WR
TYPICAL PERFORMANCE CURVES
0
–0.5
–.10
–.15
–.20
–.25
–.30
–.35
–.40
–.45
–.50
100
1K
10K
100K
FREQUENCY (Hz)
ATTEN: VIN = 0.5VRMS
GAIN: VIN = 0.5VRMS/GAIN SETTING
GAIN = +24dB
GAIN = +18dB
GAIN = +12dB
GAIN = +0, –24dB
0
–0.5
–.10
–.15
–.20
–.25
–.30
–.35
–.40
–.45
–.50
100
1K
10K
100K
FREQUENCY (Hz)
GAIN = +24dB
GAIN = 0dB
GAIN = –24dB
ATTEN: VIN = 2VRMS
GAIN: VIN = 2VRMS/GAIN SETTING
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
10
100
1K
10K
FREQUENCY (Hz)
GAIN = +24dB
GAIN = –24dB
GAIN = +12dB
Figure 4. Output Noise Voltage vs Frequency
Figure 5. CMSG Output Noise vs Gain Setting
–2
–3
–4
–5
–6
–7
–8
–9
–10
–24
GAIN SETTING (dB)
–18
–12
–6
0
6
12
18
24
VIN = 0
Figure 3. Amplitude vs Frequency
(VIN/VOUT = 2VRMS)
Figure 2. Amplitude vs Frequency
(VIN/VOUT = 0.5VRMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com