Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2008
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2008 Datasheet HTML 1Page - Micro Linear Corporation ML2008 Datasheet HTML 2Page - Micro Linear Corporation ML2008 Datasheet HTML 3Page - Micro Linear Corporation ML2008 Datasheet HTML 4Page - Micro Linear Corporation ML2008 Datasheet HTML 5Page - Micro Linear Corporation ML2008 Datasheet HTML 6Page - Micro Linear Corporation ML2008 Datasheet HTML 7Page - Micro Linear Corporation ML2008 Datasheet HTML 8Page - Micro Linear Corporation ML2008 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ML2008, ML2009
2
PIN CONFIGURATION
NAME
FUNCTION
VSS
Negative supply. –5Volts
±10%
VCC
Positive supply. 5Volts
±10%
GND
Digital ground. 0Volts. All digital
inputs are referenced to this ground.
AGND
Analog ground. 0Volts. Analog input
and output are referenced to this
ground.
VIN
Analog input
VOUT
Analog output
D8
Data bit, ATTEN/
GAIN
D7
Data bit, C3
D6
Data bit, C2
D5
Data bit, C1
D4
Data bit, C0
NAME
FUNCTION
D3
Data bit, F3
D2
Data bit, PDN, F2 ML2008; F2 ML2009
D1
Data bit, F0, F1 ML2008; F1 ML2009
D0
Data bit, F0 ML2009 only
WR
Write enable. This input latches the
data bits into the registers on rising
edges of
WR.
CS
Chip select. This input selects the
device by only allowing the
WR signal
to latch in data when
CS is low.
A0
Address select. This input determines
(ML2008 only)
which data word is being written into
the registers.
PIN DESCRIPTION
D7
D6
D5
D4
WR
D3
D2
D1
GND
D8
VCC
VOUT
VSS
AGND
VIN
NC
CS
A0
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TOP VIEW
D8
VCC
VOUT
VSS
AGND
VIN
NC
CS
D0
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
TOP VIEW
VOUT
VSS
AGND
NC
NC
D4
NC
WR
D3
D2
910 11
12
13
4
5
6
7
8
32
1
20
19
18
17
16
15
14
TOP VIEW
VOUT
VSS
AGND
NC
NC
910 11
12
13
4
5
6
7
8
32
1
20
19
18
17
16
15
14
TOP VIEW
D4
NC
WR
D3
D2
D7
D6
D5
D4
WR
D3
D2
D1
GND
ML2008
18-Pin DIP (P18)
ML2009
*
18-Pin DIP (P18)
20-Pin PLCC (Q20)
20-Pin PLCC (Q20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com