Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2008 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML2008
Description  關P Compatible Logarithmic Gain/Attenuator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2008 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML2008 Datasheet HTML 2Page - Micro Linear Corporation ML2008 Datasheet HTML 3Page - Micro Linear Corporation ML2008 Datasheet HTML 4Page - Micro Linear Corporation ML2008 Datasheet HTML 5Page - Micro Linear Corporation ML2008 Datasheet HTML 6Page - Micro Linear Corporation ML2008 Datasheet HTML 7Page - Micro Linear Corporation ML2008 Datasheet HTML 8Page - Micro Linear Corporation ML2008 Datasheet HTML 9Page - Micro Linear Corporation ML2008 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ML2008, ML2009
6
TYPICAL PERFORMANCE CURVES (Continued)
0.1
.08
.06
.04
.02
0
–.02
–.04
–.06
–.08
–1.0
–24
GAIN SETTING (dB)
–18
–12
–6
0
6
12
18
24
80
70
60
50
40
30
20
10
–24
GAIN SETTING (dB)
–18
–12
–6
0
6
12
18
24
VIN = 1kHz
VIN = 20kHz
VIN = 50kHz
ATTEN: VIN = 2VRMS
GAIN: VIN = 2VRMS/GAIN SETTING
80
70
60
50
40
30
20
GAIN SETTING (dB)
0
6
12
18
24
VIN = 50kHz
VIN = 20kHz
VIN = 1kHz
–24
–18
–12
–6
ATTEN: VIN = 0.5VRMS
GAIN: VIN = 0.5VRMS/GAIN SETTING
Figure 7. Gain Error vs Gain Setting
Figure 8. S/N +D vs Gain Setting (VIN/VOUT = 2VRMS)
Figure 9. S/N +D vs Gain Setting (VIN/VOUT = 0.5VRMS)
Figure 6. CMSG S/N vs Gain Setting
GAIN SETTING (dB)
0
6
12
18
24
100
90
80
70
60
50
40
ATTEN: VIN = 8dBm
GAIN: VIN = 8dBm/GAIN SETTING
1kHZ
–6
–12
–18
–24
1.0 FUNCTIONAL DESCRIPTION
The ML2008, ML2009 consists of a coarse gain stage, a
fine gain stage, an output buffer, and a
µP compatible
parallel digital interface.
1.1 Gain Stages
The analog input, VIN, goes directly into the op amp input
in the coarse gain stage. The coarse gain stage has a gain
range of 0 to 22.5dB in 1.5dB steps.
The fine gain stage is cascaded onto the coarse section.
The fine gain stage has a gain range of 0 to 1.5dB in 0.1dB
steps.
Both stages can be programmed for either gain or
attenuation, thus doubling the effective gain range.
The logarithmic steps in each gains stage are generated by
placing the input signal across a resistor string of 16 series
resistors. Analog switches allow the voltage to be tapped
from the resistor string at 16 points. The resistors are sized
such that each output voltage is at the proper logarithmic
ratio relative to the input signal at the top of the string.
Attenuation is implemented by using the resistor string as
a simple voltage divider, and gain is implemented by
using the resistor string as a feedback resistor around an
internal op amp.
1.2 Gain Settings
Since the coarse and fine gain stages are cascaded, their
gains can be summed logarithmically. Thus, any gain from
–24dB to +24dB in 0.1dB steps can be obtained by
combining the coarse and fine gain setting to yield the



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com