Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264 Datasheet (PDF) - Micro Linear Corporation

ML2264 Datasheet PDF - Micro Linear Corporation
Part # ML2264
Download  ML2264 Download
File Size   307.86 Kbytes
Page   17 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)

ML2264 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML2264 Datasheet PDF - Micro Linear Corporation

Part # ML2264
Download  ML2264 Click to download

File Size   307.86 Kbytes
Page   17 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description 4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)

ML2264 Datasheet (HTML) - Micro Linear Corporation


ML2264 Product details

GENERAL DESCRIPTION
The ML2264 is a high-speed, µP compatible, 4-channel 8-bit A/D converter with a conversion time of 680ns over the operating temperature range and supply voltage tolerance. The ML2264 operates from a single 5V supply and has an analog input range from GND to VCC.

FEATURES
■ Conversion time, WR-RD mode over temperature and supply voltage tolerance
    Track & Hold Mode ................................. 830ns max
    Sample & Hold Mode .............................. 700ns max
■ Total unadjusted error ..................... ±1/2 LSB or ±1 LSB
■ Capable of digitizing a 5V, 250kHz sine wave
■ 4-analog input channels
■ No missing codes
■ 0V to 5V analog input range with single 5V power supply
■ No zero or full scale adjust required
■ Analog input protection ............................... 25mA min
■ Operates ratiometrically or with up to 5V voltage reference
■ No external clock required
■ Power-on reset circuitry
■ Low power ....................................................... 100mW
■ Narrow 24-pin DIP, SOIC, or SSOP
■ Superior pin compatible replacement for AD7824




Similar Part No. - ML2264

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2261 MICRO-LINEAR-ML2261 Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261BCP MICRO-LINEAR-ML2261BCP Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261BCQ MICRO-LINEAR-ML2261BCQ Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261CCP MICRO-LINEAR-ML2261CCP Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
ML2261CCQ MICRO-LINEAR-ML2261CCQ Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
More results


Similar Description - ML2264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX151 MAXIM-MAX151 Datasheet
424Kb / 12P
300kHz 10-Bit A/D Converter with Refrence and T/H
19-2897; Rev 0; 6/90
logo
Micro Linear Corporatio...
ML2261 MICRO-LINEAR-ML2261 Datasheet
1Mb / 15P
關P Compatible High-Speed 8-Bit A/D Converter with T/H (S/H)
logo
List of Unclassifed Man...
ADC-574Z ETC1-ADC-574Z Datasheet
632Kb / 6P
12-BIT, uP-COMPATIVEL A/D CONVERTER WITH S/H
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Intersil Corporation
HI-7153 INTERSIL-HI-7153 Datasheet
977Kb / 17P
8-Channel, 10-Bit High Speed Sampling A/D Converter
December 1997
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Texas Instruments
TLC32071 TI1-TLC32071 Datasheet
123Kb / 15P
HIGH-SPEED 8-BIT A/D AND D/A CONVERTER WITH 8-CHANNEL MULTIPLEXER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com