Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2264
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2264 Datasheet HTML 1Page - Micro Linear Corporation ML2264 Datasheet HTML 2Page - Micro Linear Corporation ML2264 Datasheet HTML 3Page - Micro Linear Corporation ML2264 Datasheet HTML 4Page - Micro Linear Corporation ML2264 Datasheet HTML 5Page - Micro Linear Corporation ML2264 Datasheet HTML 6Page - Micro Linear Corporation ML2264 Datasheet HTML 7Page - Micro Linear Corporation ML2264 Datasheet HTML 8Page - Micro Linear Corporation ML2264 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ML2264
4
ELECTRICAL CHARACTERISTICS (Continued)
Unless otherwise specified, TA = TMIN to TMAX, VCC = +VREF = 5V ± 5%, and –VREF = GND, and timing measured at 1.4V,
CL = 100pF. (Note 1)
ML2264XCX
TYP
PARAMETER
NOTES
CONDITIONS
MIN
(NOTE 3)
MAX
UNITS
Digital and DC (Continued)
VOUT(1), Logical “1”
4
IOUT = –2mA
4.0
V
Output Voltage
VOUT(0), Logical “0”
4
IOUT = 2mA
0.4
V
Output Voltage
IOUT, Three-State Output
4
VOUT = 0V
–1
µA
Current
VOUT = VCC
1µA
COUT, Logic Output
5pF
Capacitance
CIN, Logic Input
5pF
Capacitance
ICC, Supply Current
4
CS = WR = RD = “1”,
18
mA
No Output Load
AC and Dynamic Performance (Note 9)
tCRD, Conversion Time,
4
RD to INT, MODE = 0V
1020
ns
Read Mode
tCWR-RD, Conversion Time,
4, 8
WR Falling
SH/TH = VCC
700
ns
Write-Read Mode
Edge to INT,
tRD < tINT,
SH/TH = GND
830
ns
MODE = VCC
SNR, Signal to Noise Ratio
VIN = 5V, 250kHz
48
dB
Noise is sum of all nonfundamental
components from 0–500kHz.
SH/TH = VCC, MODE = VCC
fSAMPLING = 1.0 MHz
HD, Harmonic Distortion
VIN = 5V, 250kHz
–63
dB
THD is sum of 2–5th harmonics relative to
fundamental.
SH/TH = VCC, MODE = VCC
fSAMPLING = 1.0 MHz
IMD, Intermodulation Distortion
fa = 2.5V, 250kHz
–60
dB
fb = 2.5V, 248kHz
IMB is (fa + fb), (fa – fb), (2fa + fb), (2fa – fb),
(fa + 2fb), or (fa – 2fb) relative to fundamental.
SH/TH = VCC, MODE = VCC
fSAMPLING = 1.0 MHz
FR, Frequency Response
VIN = 5V, 0–250kHz Relative to 1kHz
±0.1
dB
SH/TH = VCC, MODE = VCC
fSAMPLING = 1.0 MHz
SR, Slew Rate Tracking
5
SH/TH = VCC
4.0
V/µs
SH/TH = GND
0.25
V/µs
tAS, Multiplexer Address
4
SH/TH = GND, Figure 1
0
ns
Setup Time
(Track & Hold Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com