Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264 Datasheet(PDF) 11 Page - Micro Linear Corporation

Part # ML2264
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264 Datasheet(HTML) 11 Page - Micro Linear Corporation

Back Button ML2264 Datasheet HTML 7Page - Micro Linear Corporation ML2264 Datasheet HTML 8Page - Micro Linear Corporation ML2264 Datasheet HTML 9Page - Micro Linear Corporation ML2264 Datasheet HTML 10Page - Micro Linear Corporation ML2264 Datasheet HTML 11Page - Micro Linear Corporation ML2264 Datasheet HTML 12Page - Micro Linear Corporation ML2264 Datasheet HTML 13Page - Micro Linear Corporation ML2264 Datasheet HTML 14Page - Micro Linear Corporation ML2264 Datasheet HTML 15Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ML2264
11
1.4 REFERENCE
The +VREF and –VREF inputs are the reference voltages that
determine the full scale and zero input voltages,
respectively, for the A/D converter. Thus, +VREF defines
the analog input which produces a full scale output and
–VREF defines the analog input which produces an output
code of all zeroes. The transfer function for the A/D
converter is shown in Figure 10.
+VREF and –VREF can be set to any voltage between GND
and VCC. This means that the reference voltages can be
offset from GND and the difference between +VREF+ and
–VREF– can be made small to increase the resolution of the
conversion. Note that the total unadjusted error increases
when [+VREF – (–VREF)] decreases.
1.5 POWER SUPPLY AND REFERENCE DECOUPLING
A 0.1µF ceramic disc capacitor is recommended to bypass
VCC to GND, using as short a lead length as possible.
If REF+ and REF– inputs are driven by long lines, they
should be bypassed by 0.1µF ceramic disc capacitors at
the reference input pins.
Figure 9. Operating Sequence (WR-RD Mode)
ACQUISITION
OR SAMPLING
PERIOD. ALL
COMPARATORS
AUTOZEROED.
MSB
COMPARATORS
DECIDING.
LSB
COMPARATORS
DECIDING.
WR
CONVERSION
STARTS.
VIN SAMPLING
ENDS. HOLD
TIME STARTS.
MSB
COMPARATOR
RESULTS ARE
LATCHED.
RD BROUGHT LOW
LATCHES LSB
COMPARATOR
RESULTS AND
BRINGS INT LOW.
(a) T/H Mode
(a) S/H Mode
ALL
COMPARATORS
AUTOZEROED.
ACQUISITION
PERIOD. MSB
COMPARATORS
ARE TRACKING
VIN. LSB
COMPARATORS
ARE SAMPLING
VIN.
LSB
COMPARATORS
DECIDING.
WR
CONVERSION
STARTS.
VIN SAMPLING
ENDS. MSB
COMPARATOR
RESULTS ARE
LATCHED.
RD BROUGHT LOW
LATCHES LSB
COMPARATOR
RESULTS AND
BRINGS INT LOW.
Figure 10. A/D Transfer Characteristic
FULL SCALE
TRANSITION
OUTPUT
CODE
11111111
11111110
11111101
00000011
00000010
00000001
00000000
0
FS
FS – 1LSB
AIN, INPUT VOLTAGE (IN TERMS OF LSB’S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com