Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML2264
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML2264 Datasheet HTML 1Page - Micro Linear Corporation ML2264 Datasheet HTML 2Page - Micro Linear Corporation ML2264 Datasheet HTML 3Page - Micro Linear Corporation ML2264 Datasheet HTML 4Page - Micro Linear Corporation ML2264 Datasheet HTML 5Page - Micro Linear Corporation ML2264 Datasheet HTML 6Page - Micro Linear Corporation ML2264 Datasheet HTML 7Page - Micro Linear Corporation ML2264 Datasheet HTML 8Page - Micro Linear Corporation ML2264 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ML2264
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = TMIN to TMAX, VCC = +VREF = 5V ± 5%, and –VREF = GND (Note 1)
ML2264XCX
TYP
PARAMETER
NOTES
CONDITIONS
MIN
(NOTE 3)
MAX
UNITS
Converter
Total Unadjusted Error
ML2264CXX
4, 6
±1
LSB
Integral Linearity Error
ML2264CXX
4, 6
±1
LSB
Differential Linearity Error
ML2264CXX
4
±1
LSB
Full Scale Error
ML2264CXX
4
±1
LSB
Zero Scale Error
ML2264CXX
4
±1
LSB
Channel to Channel Mismatch
4
±1/4
LSB
+VREF Voltage Range
5
–VREF
VCC+0.1
V
–VREF Voltage Range
5
GND–0.1
+VREF
V
Reference Input Resistance
4
1
2.5
4
k ý
Analog Input Range
4, 7
GND–0.1
VCC+0.1
V
Power Supply Sensitivity
4
DC
±1/32
±1/4
LSB
VCC =5V ± 5%, VREF = 4.50V
100mVp-p
±1/16
LSB
100kHz sine on VCC, VIN = 0
Analog Input Leakage Current,
4
ON Channel = VCC
–1
µA
OFF Channel
OFF Channel = 0V
ON Channel = 0V
1
µA
OFF Channel = VCC
Analog Input Leakage Current,
4
ON Channel = 0V
–1
µA
ON Channel
OFF Channel = VCC
ON Channel = VCC
1µA
OFF Channel = 0V
Analog Input Capacitance
During Acquisition Period
45
pF
Digital and DC
VIN(1), Logical “1” Input Voltage
4
WR, RD, CS, A0, A1
2.0
V
MODE, SH/TH
VCC–0.5
V
VIN(0), Logical “0” Input Voltage
4
WR, RD, CS, A0, A1
0.8
V
MODE, SH/TH
0.5
V
IIN(1), Logical “1” Input Current
4
VIH = VCC
WR, RD, CS, A0, A1
1
µA
MODE, SH/TH
15
50
150
µA
IIN(0), Logical “0” Input Current
4
VIL = GND
WR, RD, CS
–1
µA
MODE, SH/TH
–20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com