Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2264 Datasheet(PDF) 15 Page - Micro Linear Corporation

Part # ML2264
Description  4-Channel High-Speed 8-Bit A/D Converter with T/H (S/H)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2264 Datasheet(HTML) 15 Page - Micro Linear Corporation

Back Button ML2264 Datasheet HTML 9Page - Micro Linear Corporation ML2264 Datasheet HTML 10Page - Micro Linear Corporation ML2264 Datasheet HTML 11Page - Micro Linear Corporation ML2264 Datasheet HTML 12Page - Micro Linear Corporation ML2264 Datasheet HTML 13Page - Micro Linear Corporation ML2264 Datasheet HTML 14Page - Micro Linear Corporation ML2264 Datasheet HTML 15Page - Micro Linear Corporation ML2264 Datasheet HTML 16Page - Micro Linear Corporation ML2264 Datasheet HTML 17Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
ML2264
15
2.0 TYPICAL APPLICATIONS (Continued)
CLOCK
SOURCE
OR
TIMER
ADDRESS
DECODE
DB7
DB0
INT
RD
A0
A1
WR
CS
ML2264
A IN 1
A IN 2
A IN 3
A IN 4
DATA
DB7
DB0
ML2341
D/A
VOUT
CS
WR
PA0
PA1
PA2
WE
HEN
DEN
INT
DB7
DB0
TMS320
/E14
C15
Figure 18. TMS320 Interface with D/A Output
–
+
–
+
4k
1k
24k
FS ADJ
0.85VCC
VCC
+VREF
0.1
µF
ML2264
A IN 1
A IN 2
A IN 3
A IN 4
–VREF
0.1
µF
+
+
0.15VCC
ZERO ADJ
20k
1k
3k
VCC (5VDC)
ANALOG
SOURCES
0.1
µF
+
Figure 19. Operating with a Ratiometric Analog Signal of 15% of VCC to 85% of VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com