Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6680 Datasheet (PDF) - Micro Linear Corporation

ML6680 Datasheet PDF - Micro Linear Corporation
Part # ML6680
Download  ML6680 Download
File Size   163.24 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Token Ring Copper-to-Fiber Converter

ML6680 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6680 Datasheet PDF - Micro Linear Corporation

Part # ML6680
Download  ML6680 Click to download

File Size   163.24 Kbytes
Page   12 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Token Ring Copper-to-Fiber Converter

ML6680 Datasheet (HTML) - Micro Linear Corporation


ML6680 Product details

GENERAL DESCRIPTION
The ML6680 is a single-chip conversion between Token Ring ISO/IEC8802-5 copper-based media and Token Ring ISO/IEC8802-5 fiber-based media. The ML6680 fiber-optic interface contains a data quantizer, circuitry for fiber optic key signal generation and recognition, pin-selectable signal switching, and current driven transmitter outputs.

FEATURES
■ Single-chip copper-to-fiber converter for Token Ring
■ 16Mbps and 4Mbps data rates with the same external components
■ Four modes of operation covering a wide variety of applications
■ Full duplex operation
■ Highly stable data quantizer with 55dB input dynamic range
■ Current driven fiber optic LED driver for accurate launch power
■ Current driven output for low RFI noise and low jitter
■ Capable of driving 100Ω UTP or 150Ω STP
■ Pin selectable phantom wire fault detection and signal switching




Similar Part No. - ML6680

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622CS MICRO-LINEAR-ML6622CS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622IS MICRO-LINEAR-ML6622IS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
More results


Similar Description - ML6680

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-2793-03 BEL-S553-2793-03 Datasheet
305Kb / 2P
TOKEN RING/FIBER APPLICATION FILTER MODULE
logo
PCA ELECTRONICS INC.
EPT7063G PCA-EPT7063G Datasheet
30Kb / 1P
Token Ring Transceiver
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
Token Ring Transceiver
logo
Bel Fuse Inc.
0556-5338-00 BEL-0556-5338-00_00 Datasheet
120Kb / 6P
TOKEN RING MAGNETICS
logo
Rhombus Industries Inc.
F-1801 RHOMBUS-IND-F-1801 Datasheet
28Kb / 1P
TOKEN RING FILTER
1/15/96
logo
PCA ELECTRONICS INC.
EPT7101G PCA-EPT7101G Datasheet
155Kb / 1P
Token Ring / Fiber Application Filter Module
logo
XFMRS Inc.
XF0756L1 XFMRS-XF0756L1 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
2021 XFMRS-2021 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
logo
Glenair, Inc.
050_207 GLENAIR-050_207 Datasheet
713Kb / 13P
Copper to Fiber Media Converter
logo
XFMRS Inc.
2038 XFMRS-2038 Datasheet
23Kb / 1P
FIBER TO TOKEN RING
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com