Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8817 Datasheet (PDF) - Microsemi Corporation

LX8817 Datasheet PDF - Microsemi Corporation
Part # LX8817
Download  LX8817 Download
File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 2.5A Low Dropout Regulator

LX8817 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8817 Datasheet PDF - Microsemi Corporation

Part # LX8817
Download  LX8817 Click to download

File Size   62.11 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Dual Channel 2.5A Low Dropout Regulator

LX8817 Datasheet (HTML) - Microsemi Corporation


LX8817 Product details

DESCRIPTION
The LX8817 is a dual channel positive-voltage linear regulator. This dual regulator has one fixed output coupled with an adjustable output. Each channel features low-dropout and high accuracy.
The LX8817 utilizes dual inputs that
can be used as separate sources for the control and power sections. This configuration reduces power dissipation by operating the regulator near dropout (VPWR-VOUT = VDO = 0.6V @ 2.5A) while providing sufficient operating headroom for the control logic.
The LX8817 provides designers with an efficient flexible power management solution, minimal printed circuit board area, and shorter design cycles.

KEY FEATURES
◾ Two Independent Regulated Outputs
◾ Accurate Output Voltages
◾ Max. Dropout of 0.6V at Rated Current
◾ Independent Thermal and Current Limit Protection
◾ Low Profile 7 Lead SMT Power Package
◾ Low Tolerance Line (0.2%) and Load (0.4%) Regulation
◾ Wide DC Supply Voltage of 3.0V to 10.0V
◾ Loop Stability Independent of Output Capacitor Type

APPLICATIONS/BENEFITS
◾ 3.3V to 2.5V/ADJ Linear Regulator
◾ Low Voltage Logic Supplies
◾ Active SCSI Terminators
◾ Battery Charging Circuits
◾ Instrumentation
◾ PC Peripherals




Similar Part No. - LX8817

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-2500CDF MICROSEMI-LX8815-2500CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-2800CDF MICROSEMI-LX8815-2800CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-3300CDF MICROSEMI-LX8815-3300CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
LX8815-3318CDF MICROSEMI-LX8815-3318CDF Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
More results


Similar Description - LX8817

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8815 MICROSEMI-LX8815 Datasheet
66Kb / 5P
Dual Channel 1A Low Dropout Regulator
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
LX8816 MICROSEMI-LX8816 Datasheet
375Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8819 MICROSEMI-LX8819 Datasheet
305Kb / 9P
Dual Channel 1A Low Dropout Regulator
LX8821 MICROSEMI-LX8821 Datasheet
255Kb / 6P
DUAL CHANNEL 2.5A LOW DROPOUT REGULATOR
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
logo
Microsemi Corporation
LX8816 MICROSEMI-LX8816_05 Datasheet
350Kb / 9P
Dual Channel 1A Low Dropout Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com