Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMP-20-15 Datasheet (PDF) - Wall Industries,Inc.

PSMP-20-15 Datasheet PDF - Wall Industries,Inc.
Part # PSMP-20-15
Download  PSMP-20-15 Download
File Size   386.83 Kbytes
Page   4 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 85 - 264VAC (125 - 373VDC) Input Voltage Range

PSMP-20-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMP-20-15 Datasheet PDF - Wall Industries,Inc.

Part # PSMP-20-15
Download  PSMP-20-15 Click to download

File Size   386.83 Kbytes
Page   4 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 85 - 264VAC (125 - 373VDC) Input Voltage Range

PSMP-20-15 Datasheet (HTML) - Wall Industries,Inc.




Similar Part No. - PSMP-20-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMP-05-05 WALL-PSMP-05-05 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP-05-12 WALL-PSMP-05-12 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP-05-15 WALL-PSMP-05-15 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP-05-24 WALL-PSMP-05-24 Datasheet
217Kb / 4P
Medical AC/DC Switching Power Supplies
PSMP-10-05 WALL-PSMP-10-05 Datasheet
213Kb / 4P
Medical AC/DC Switching Power Supplies
More results


Similar Description - PSMP-20-15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
PSW60 RUBYCON-PSW60_15 Datasheet
200Kb / 2P
85 to 264VAC universal input
MSW60 RUBYCON-MSW60 Datasheet
137Kb / 2P
85 to 264VAC universal input
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
PSME15 WALL-PSME15 Datasheet
182Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSME20 WALL-PSME20 Datasheet
184Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
PSMP15 WALL-PSMP15 Datasheet
204Kb / 4P
85 - 264VAC (125 - 373VDC) Input Voltage Range
logo
Powerbox
AIM-AC POWERBOX-AIM-AC Datasheet
147Kb / 1P
Universal input: 85 to 264VAC
logo
Wall Industries,Inc.
PSFAA-03 WALL-PSFAA-03 Datasheet
181Kb / 3P
Universal Input of 85~264VAC
logo
Bel Fuse Inc.
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com