Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5842 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5842 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5842
Download  SM5842 Download
File Size   201.07 Kbytes
Page   23 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Class Audio Multi-function Digital Filter

SM5842 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5842 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5842
Download  SM5842 Click to download

File Size   201.07 Kbytes
Page   23 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High-Class Audio Multi-function Digital Filter

SM5842 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5842 Product details

OVERVIEW
The SM5842AP/APT is a multi-function digital filter IC, fabricated using NPC’s Molybdenum-gate CMOS process, for digital audio reproduction equipment. It features 8-times oversampling (interpolation), independent left and right-channel digital deemphasis, and soft muting functions. It accepts 16, 18, 20 or 24-bit input data, and outputs data in 18, 20, 22 or 24-bit format. It operates using either a 384fs or 256fs system clock at sampling frequencies up to 48 kHz + 10% (384fs SM5842AP, 384/256fs SM5842APT).

FEATURES
Functions
■ L/R 2-channel processing
■ 8-times oversampling (interpolation)
   • ≤ ±0.00002 dB passband ripple
   • ≥ 117 dB stopband attenuation
■ Digital deemphasis
   • 32/44.1/48 kHz sampling frequency (fs)
   • 2-channel independent ON/OFF control
■ Soft muting
   • 2-channel independent ON/OFF control
■ Input data format
   • 2s complement, MSB first
      - LR alternating, 16/18/20/24-bit serial, trailing data
      - LR alternating, 24-bit serial, leading data
      - LR simultaneous, 24-bit serial, leading data
■ Output data format
• 2s complement, MSB first, LR simultaneous
• 18/20/22/24-bit serial
• BCKO burst (NPC format)
■ Dither round-up processing
   • ON (dither rounding)/OFF (normal rounding) control
■ 25-bit internal data length
■ Jitter-free function for correct operation in the
   presence of jitter between the system clock and LRCI clock
      • ON (jitter-free mode)/OFF (sync mode) control
■ 256fs/384fs system clock selectable
   • 384fs
      - 21.2 MHz maximum frequency (at maximum fs = 55.2 kHz)
   • 256fs
      - 13 MHz maximum frequency (at maximum fs = 50.7 kHz, SM5842AP)
      - 14.2 MHz maximum frequency (at maximum fs = 55.2 kHz, SM5842APT)
■ Crystal oscillator circuit built-in
■ TTL-compatible input/outputs
■ 5.0 ± 0.25 V supply
■ Molybdenum-gate CMOS process
■ 28-pin plastic DIP Filter Configuration
■ Linear phase 3-stage FIR interpolation filter
   • 169-tap 1st stage (fs to 2fs)
   • 29-tap 2nd stage (2fs to 4fs)
   • 17-tap 3rd stage (4fs to 8fs)
■ Deemphasis filter
   - IIR filter configuration for accurate gain and phase characteristics
■ 26 × 24-bit parallel multiplier/32-bit accumulator for high precision
■ Overflow limiter built-in

APPLICATIONS
■ CD players
■ DAT players
■ PCM systems




Similar Part No. - SM5842

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840B NPC-SM5840B Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FP NPC-SM5840FP Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
More results


Similar Description - SM5842

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
Multi-function Digital Filter for Digital Audio
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
For Digital Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
Audio Multi-function Digital Filter
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
High-fidelity Digital Audio, Multi-function Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com