Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE725E Datasheet (PDF) - ACE Technology Co., LTD.

ACE725E Datasheet PDF - ACE Technology Co., LTD.
Part # ACE725E
Download  ACE725E Download
File Size   867.31 Kbytes
Page   11 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 24V , 1.2A High Efficiency Step-Down Converter

ACE725E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE725E Datasheet PDF - ACE Technology Co., LTD.

Part # ACE725E
Download  ACE725E Click to download

File Size   867.31 Kbytes
Page   11 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 24V , 1.2A High Efficiency Step-Down Converter

ACE725E Datasheet (HTML) - ACE Technology Co., LTD.




Similar Part No. - ACE725E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE7259CGMH ACE-ACE7259CGMH Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
More results


Similar Description - ACE725E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8258 RICHTEK-RT8258 Datasheet
401Kb / 12P
1.2A, 24V, 700kHz Step-Down Converter
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
1.2A, 24V, 1.4MHz Step-Down Converter
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
1.2A, 24V, 1.4MHz Step-down Converter
logo
Linear Technology
LTC1265 LINER-LTC1265_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-3.3 LINER-LTC1265-3.3_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
LTC1265-5 LINER-LTC1265-5_15 Datasheet
243Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Unisonic Technologies
UD05124 UTC-UD05124 Datasheet
245Kb / 9P
HIGH EFFICIENCY 1.5MHZ 1.2A SYNCHRONOUS STEP DOWN CONVERTER
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com