Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3401A Datasheet (PDF) - ACE Technology Co., LTD.

ACE3401A Datasheet PDF - ACE Technology Co., LTD.
Part # ACE3401A
Download  ACE3401A Download
File Size   922.37 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description P-Channel Enhancement Mode Field Effect Transistor

ACE3401A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE3401A Datasheet PDF - ACE Technology Co., LTD.

Part # ACE3401A
Download  ACE3401A Click to download

File Size   922.37 Kbytes
Page   6 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description P-Channel Enhancement Mode Field Effect Transistor

ACE3401A Datasheet (HTML) - ACE Technology Co., LTD.


ACE3401A Product details

Description
The ACE3401A uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications. Standard product ACE3401A is Pb-free (meets ROHS & Sony 259 specifications).

Features
• VDS (V) = -30V
• ID = -4.0 A (VGS = -10V)
• RDS(ON) < 50mΩ (VGS = -10V)
• R DS(ON)< 65mΩ (VGS = -4.5V)
• R DS(ON)< 120mΩ (VGS = -2.5V)




Similar Part No. - ACE3401A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE3401 ACE-ACE3401 Datasheet
185Kb / 8P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE3401 ACE-ACE3401 Datasheet
603Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.4
ACE3401B ACE-ACE3401B Datasheet
567Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE3401BM+H ACE-ACE3401BM+H Datasheet
185Kb / 8P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE3401BM+H ACE-ACE3401BM+H Datasheet
603Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.4
More results


Similar Description - ACE3401A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com