Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3401A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3401A
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3401A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3401A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE3401A
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
2
Electrical Characteristics (TA=25
℃u n less oth erw ise n o ted
)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
STATIC PARAMETERS
BVDSS
Drain-Source Breakdown Voltage
ID=-
250μA, V
GS=0V
-30
V
IDSS
Zero Gate Voltage Drain Current
VDS=-24V, VGS=0V
-1
μA
TJ=55°C
-5
IGSS
Gate-Body leakage current
VDS=0V, VGS=±12V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS ID=-
250μA
-0.7
-1
-1.3
V
ID(ON)
On state drain current
VGS=-4.5V, VDS=-5V
-25
A
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4.2A
42
50
mΩ
TJ=125°C
75
VGS=-4.5V, ID=-4A
53
65
mΩ
VGS=-2.5V, ID=-1A
80
120
mΩ
gFS
Forward Transconductance
VDS=-5V, ID=-5A
7
11
S
VSD
Diode Forward Voltage
IS=-1A,VGS=0V
-0.75
-1
V
IS
Maximum Body-Diode Continuous Current
-2.2
A
ISM
Pulsed Body-Diode CurrentB
-30
A
DYNAMIC
PARAMETERS
Ciss
Input Capacitance
VGS=0V,VDS=-15V,
f=1MHz
954
pF
Coss
Output Capacitance
115
pF
Crss
Reverse Transfer Capacitance
77
pF
Rg
Gate resistance
VGS=0V, VDS=0V, f=1MHz
6
Ω
SWITCHING PARAMETERS
Qg
Total Gate Charge
VGS=-4.5V, VDS=-15V,
ID=-4A
9.4
nC
Qgs
Gate Source Charge
2
nC
Qgd
Gate Drain Charge
3
nC
tD(on)
Turn-On DelayTime
VGS=-10V, VDS=-15V,
RL
=3.6Ω, R
GEN
=6Ω
6.3
μS
tr
Turn-On Rise Time
3.2
μS
tD(off)
Turn-Off DelayTime
38.2
μS
tf
Turn-Off Fall Time
12
μS
trr
Body Diode Reverse Recovery Time
IF=-
4A, dI/dt=100A/μS
20.2
μS
Qrr
Body Diode Reverse Recovery Charge IF=-
4A, dI/dt=100A/μS
11.2
nC
Note:
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The RθJA
is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using <300 μs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com