Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3401A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE3401A
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3401A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE3401A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3401A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE3401A
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
The ACE3401A uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM
applications. Standard product ACE3401A is Pb-free (meets ROHS & Sony 259 specifications).
Features
• V
DS (V) = -30V
• I
D = -4.0 A (VGS = -10V)
• R
DS(ON) < 50m
Ω (V
GS = -10V)
• R
DS(ON)
< 65mΩ (V
GS = -4.5V)
• R
DS(ON)
< 120mΩ (V
GS = -2.5V)
Absolute Maximum Ratings ( TA=25℃, unless otherwise noted )
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
NOTEA
TA=25 ℃
ID
-4.0
A
TA=70 ℃
-3.5
Pulsed Drain Current
NOTEB
IDM
-25
Power Dissipation
NOTEA
TA=25 ℃
PD
1.4
W
TA=70 ℃
1
Junction and Storage Temperature Range
TJ, TSTG
-55 to 150
℃
Packaging Type
SOT-23
Package Marking and Ordering Information
ACE3401A XX + H
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3401
ACE3401A
SOT-23
Ø180mm
8mm
3000 units
BM : SOT-23
Pb - free
Halogen - free


Similar Part No. - ACE3401A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE3401 ACE-ACE3401 Datasheet
185Kb / 8P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE3401 ACE-ACE3401 Datasheet
603Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.4
ACE3401B ACE-ACE3401B Datasheet
567Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE3401BM+H ACE-ACE3401BM+H Datasheet
185Kb / 8P
P-Channel Enhancement Mode MOSFET
VER 1.2
ACE3401BM+H ACE-ACE3401BM+H Datasheet
603Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.4
More results

Similar Description - ACE3401A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com