Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT93L16 Datasheet (PDF) - Mitel Networks Corporation

MT93L16 Datasheet PDF - Mitel Networks Corporation
Part # MT93L16
Download  MT93L16 Download
File Size   118.29 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Low-Voltage Acoustic Echo Canceller

MT93L16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT93L16 Datasheet PDF - Mitel Networks Corporation

Part # MT93L16
Download  MT93L16 Click to download

File Size   118.29 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description CMOS Low-Voltage Acoustic Echo Canceller

MT93L16 Datasheet (HTML) - Mitel Networks Corporation


MT93L16 Product details

Functional Description
The MT93L16 device contains two echo cancellers, as well as the many control functions necessary to operate the echo cancellers. One canceller is for acoustic speaker to microphone echo, and one for line echo cancellation. The MT93L16 provides clear signal transmission in both audio path directions to ensure reliable voice communication, even with low level signals. The MT93L16 does not use variable attenuators during double-talk or single-talk periods of speech, as do many other acoustic echo cancellers for speaker-phones

Features
• Contains two echo cancellers: 112ms acoustic echo canceller + 16ms line echo canceller
• Works with low cost voice codec. ITU-T G.711 or signed mag µ/A-Law, or linear 2’s comp
• Each port may operate in different format
• Advanced NLP design - full duplex speech with no switched loss on audio paths
• Fast re-convergence time: tracks changing echo environment quickly
• Adaptation algorithm converges even during Double-Talk
• Designed for exceptional performance in high background noise environments
• Provides protection against narrow-band signal divergence
• Howling prevention stops uncontrolled oscillation in high loop gain conditions
• Offset nulling of all PCM channels
• Serial micro-controller interface
• ST-BUS, GCI, or variable-rate SSI PCM interfaces
• User gain control provided for speaker path (-24dB to +21dB in 3dB steps)
• AGC on speaker path
• Handles up to 0 dB acoustic echo return loss and 0dB line ERL
• Transparent data transfer and mute options
• 20 MHz master clock operation
• Low power mode during PCM Bypass
• Bootloadable for future factory software upgrades
• 2.7V to 3.6V supply voltage; 5V-tolerant inputs

Applications
• Full duplex speaker-phone for digital telephone
• Echo cancellation for video conferencing
• Handsfree in automobile environment
• Full duplex speaker-phone for PC




Similar Part No. - MT93L16

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L16 ZARLINK-MT93L16 Datasheet
578Kb / 51P
Digital Echo Canceller for Hands Free Communication
MT93L16 ZARLINK-MT93L16 Datasheet
230Kb / 7P
AEC with Noise Reduction & Codecs for Digital Hands-Free Communication
More results


Similar Description - MT93L16

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
CMOS Dual Voice Echo Canceller with Tone Detection
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
8 Channel Voice Echo Canceller
ZL38001 ZARLINK-ZL38001 Datasheet
668Kb / 47P
Low-Voltage Acoustic Echo Canceller with Low ERL Compensation
ZL38002 ZARLINK-ZL38002 Datasheet
440Kb / 47P
Low-Voltage Acoustic Echo Canceller With Noise Reduction
MT9315 ZARLINK-MT9315 Datasheet
354Kb / 30P
CMOS Acoustic Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
16 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
Multi-Channel Voice Echo Canceller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com