Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NWK954 Datasheet (PDF) - Mitel Networks Corporation

NWK954 Datasheet PDF - Mitel Networks Corporation
Part # NWK954
Download  NWK954 Download
File Size   176.85 Kbytes
Page   17 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description QUAD FAST ETHERNET REPEATER

NWK954 Datasheet (PDF)

Go To PDF Page Download Datasheet
NWK954 Datasheet PDF - Mitel Networks Corporation

Part # NWK954
Download  NWK954 Click to download

File Size   176.85 Kbytes
Page   17 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description QUAD FAST ETHERNET REPEATER

NWK954 Datasheet (HTML) - Mitel Networks Corporation


NWK954 Product details

The NWK954 is a fully integrated, unmanaged, 4-port Fast Ethernet Repeater conforming to the IEEE 802.3 100BASE-TX Standard. The device integrates the 802.3 Repeater functions with four 100BASE-TX PHY modules, enabling direct connection to the isolation transformers with no additional PHY components.

FEATURES
■ Compliant with IEEE 802.3 100BASE-TX Repeater Unit Specification
■ Incorporates four IEEE 802.3 Compliant 100BASE-TX Ports
■ Local Expansion Port for Cascading to 24 Ports
■ Stackable Backplane for Expansion up to 192 Ports
■ Link/Activity LED and Receive Error LED for each Port
■ Collision LED
■ Five LED Network Utilization Display
■ Base Line Wander Correction
■ Power Saving on Unused Ports
■ Driven from a Single 25MHz Clock
■ Single 5V supply
■ Low Power CMOS Technology
■ 128-pin PQFP package




Similar Part No. - NWK954

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
NWK914B ZARLINK-NWK914B Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
logo
Mitel Networks Corporat...
NWK914CG MITEL-NWK914CG Datasheet
122Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
NWK914D MITEL-NWK914D Datasheet
122Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
logo
Zarlink Semiconductor I...
NWK914D ZARLINK-NWK914D Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
NWK914DCG ZARLINK-NWK914DCG Datasheet
159Kb / 9P
PHY/PMD High Speed Copper Media Transceiver
More results


Similar Description - NWK954

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
8-Port Lite Ethernet Repeater Interface Controller
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
Quad Gigabit Ethernet Transceiver
July 2000
logo
Level One
LXT914 LVL1-LXT914 Datasheet
2Mb / 30P
Flexible Quad Ethernet Repeater
LXT915 LVL1-LXT915 Datasheet
690Kb / 20P
Simple Quad Ethernet Repeater
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
DS33Z44 MAXIM-DS33Z44 Datasheet
1Mb / 181P
Quad Ethernet Mapper
REV: 120304
logo
Intel Corporation
LXT975 INTEL-LXT975 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Quad Transceivers
NLXT914PE-B3 INTEL-NLXT914PE-B3 Datasheet
959Kb / 45P
Intel짰 LXT914 Flexible Quad Ethernet Repeater
EGLXT915QC INTEL-EGLXT915QC Datasheet
491Kb / 32P
Intel LXT915 Simple Quad Ethernet Repeater
logo
Maxim Integrated Produc...
DS33Z44 MAXIM-DS33Z44_V01 Datasheet
1Mb / 100P
Quad Ethernet Mapper
REV: 122006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com