Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5934 Datasheet (PDF) - Global Mixed-mode Technology Inc

G5934 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G5934
Download  G5934 Download
File Size   73.48 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Voltage 1.5x Charge Pump with Load Switch Controller

G5934 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5934 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G5934
Download  G5934 Click to download

File Size   73.48 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description High Voltage 1.5x Charge Pump with Load Switch Controller

G5934 Datasheet (HTML) - Global Mixed-mode Technology Inc


G5934 Product details

General Description
The G5934 is a high-voltage switched-capacitor charge pump that provides the regulated output voltage of 1.5x input voltage. Input voltages ranging from 8V to 24V can be converted into a 12V to 36V output supply. The device is ideal for battery-powered conversion applications in notebook computers with a typical operating current of 150µA at 8V supply and 190µA at 24V supply.
The G5934 has a NMOS open-drain output pin for power good indication. When VOUT > 1.5 x VIN x 90%, the NMOS will be turned off immediately and PG pin will be pulled high by external resistor.
The G5934 contains an embedded 12-V LDO to provide the supply voltage to the drivers controlled by ON signals. The discharging networks are connected to the 22Ω resistor to shut down the low-voltage system while control input signals ON are not ready.
The G5934 contains an over-temperature circuit to protect the device under continuous output short circuit conditions.
The G5934 is available in TQFN3X3-20 package (thermal pad included).

Features
■ Input Range: 8V to 24V
■ Output Range: 12V to 36V
■ 150µA Quiescent Current at 8V Supply Voltage and 190µA Quiescent Current at 24V Supply Voltage
■ ±3% Regulated Output
■ Power Good Function
■ Power Good of Open Drain (Monitor AC VIN Only)
■ Embedded a 12-V LDO
■ 4 Control Signal Inputs
■ 4 12V-Drivers for external NMOS switches
■ 4 Discharging Networks for 22Ω
■ Over-Temperature Protection
■ Output Short Circuit Protection
■ TQFN3X3-20 Package

Applications
■ Notebook Computers




Similar Part No. - G5934

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5930TBU GMT-G5930TBU Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
G5931P1U GMT-G5931P1U Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
More results


Similar Description - G5934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
National Semiconductor ...
LP3942 NSC-LP3942 Datasheet
918Kb / 20P
The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3340 ANALOGICTECH-AAT3340 Datasheet
995Kb / 14P
High Efficiency 1x/1.5x Charge Pump
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3340 ANALOGICTECH-AAT3340_08 Datasheet
989Kb / 14P
High Efficiency 1x/1.5x Charge Pump
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Global Mixed-mode Techn...
G5933 GMT-G5933 Datasheet
72Kb / 1P
High Voltage 1.5x Charge Pump
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
1X/1.5X High Efficiency Charge Pump
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com