Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1358 Datasheet (PDF) - Global Mixed-mode Technology Inc

AT1358 Datasheet PDF - Global Mixed-mode Technology Inc
Part # AT1358
Download  AT1358 Download
File Size   77.91 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1MHz, 1A Synchronous Buck Converter with 500mA LDO

AT1358 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT1358 Datasheet PDF - Global Mixed-mode Technology Inc

Part # AT1358
Download  AT1358 Click to download

File Size   77.91 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 1MHz, 1A Synchronous Buck Converter with 500mA LDO

AT1358 Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - AT1358

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AT13-08PC-BM01 ASS-AT13-08PC-BM01 Datasheet
530Kb / 3P
PCB MOUNT RECEPTACLE,8PIN RA FLANGE,AT SERIES
19JUN18
AT13-08PC-BM02 ASS-AT13-08PC-BM02 Datasheet
530Kb / 3P
PCB MOUNT RECEPTACLE,8PIN RA FLANGE,AT SERIES
19JUN18
AT13-08PC-BM03 ASS-AT13-08PC-BM03 Datasheet
530Kb / 3P
PCB MOUNT RECEPTACLE,8PIN RA FLANGE,AT SERIES
19JUN18
AT13-08PC-BM04 ASS-AT13-08PC-BM04 Datasheet
530Kb / 3P
PCB MOUNT RECEPTACLE,8PIN RA FLANGE,AT SERIES
19JUN18
AT13-08PD-BM01 ASS-AT13-08PD-BM01 Datasheet
530Kb / 3P
PCB MOUNT RECEPTACLE,8PIN RA FLANGE,AT SERIES
19JUN18
More results


Similar Description - AT1358

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
1MHz,800mA Synchronous Buck Converter
AT1367A AIMTRON-AT1367A Datasheet
658Kb / 14P
1MHz, 800mA Synchronous Buck Converter With Power Good Detector & LDO
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
logo
Aimtron Technology
AT1361 AIMTRON-AT1361 Datasheet
204Kb / 15P
1MHz,1A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7322 ANPEC-APW7322 Datasheet
368Kb / 22P
2A, 5V, 1MHz Synchronous Buck Converter
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
3.2A, 5V, 1MHz Synchronous Buck Converter
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
3A 5V 1MHz Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com