Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1928 Datasheet (PDF) - ON Semiconductor

LB1928 Datasheet PDF - ON Semiconductor
Part # LB1928
Download  LB1928 Download
File Size   272.47 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-phase Brushless Motor Driver

LB1928 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1928 Datasheet PDF - ON Semiconductor

Part # LB1928
Download  LB1928 Click to download

File Size   272.47 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-phase Brushless Motor Driver

LB1928 Datasheet (HTML) - ON Semiconductor


LB1928 Product details

Overview
The LB1928 is a 3-phase brushless motor driver well suited for drum and paper feed motors in laser printers, plain-paper copiers and other office automation equipment. Direct PWM drive allows control with low power losses. Peripheral circuitry including speed control circuit and FG amplifier is integrated, thus allows drive circuit to be constructed with a single chip.

Features
• 3-phase bipolar drive (30V, 3.1A)
• Direct PWM drive technique
• Built-in diode for absorbing output lower-side kickback
• Speed discriminator and PLL speed control
• Speed lock detection output
• Built-in forward/reverse switching circuit
• Built-in protection circuitry includes current limiter, overheat protection, motor restraint protection, etc.




Similar Part No. - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1928 SANYO-LB1928 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
More results


Similar Description - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
3-Phase Brushless Motor Driver
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
3-Phase Brushless Motor Driver???
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
3-Phase Brushless Motor Driver???
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
3-Phase Brushless Motor Driver????
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
3-Phase Brushless Motor Driver????
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
3-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
3-phase Brushless Motor Driver
November 2014 - Rev. 1
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
3-phase Brushless Motor Driver
May, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com