Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89321 Datasheet (PDF) - Zilog, Inc.

Z89321 Datasheet PDF - Zilog, Inc.
Part # Z89321
Download  Z89321 Download
File Size   299.26 Kbytes
Page   40 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 16-Bit Digital Signal Processors

Z89321 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z89321 Datasheet PDF - Zilog, Inc.

Part # Z89321
Download  Z89321 Click to download

File Size   299.26 Kbytes
Page   40 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 16-Bit Digital Signal Processors

Z89321 Datasheet (HTML) - Zilog, Inc.


Z89321 Product details

GENERAL DESCRIPTION
The Z893XX products are high-performance Digital Signal Processors (DSPs) with a modified Harvard-type architecture featuring separate program and data memory. The design has been optimized for processing power while minimizing silicon space.

FEATURES   
■ 0°C to +70°C Standard Temperature Range
    -40°C to +85°C Extended Temperature Range
■ 4.5- to 5.5-Volt Operating Range
   
DSP Core
■ 24 MIPS @ 24 MHz Maximum, 16-Bit Fixed Point DSP
■ 41.7 ns Minimum Instruction Cycle Time
■ Six-Level Hardware Stack
■ Six Register Address Pointers
■ Optimized Instruction Set (30 Instructions)
   
On-Board Peripherals
■ Dual 8/16-Bit CODEC Interface Capable of up to
    10 Mbps
■ m-Law Compression Option
    (Decompression is Performed in Software)
■ 16-Bit I/O Bus (Tri-Stated)
■ Three I/O Address Pins (Latched Outputs)
■ Wait-State Generator
■ Three Vectored Interrupts
■ 13-Bit General-Purpose Timer
   
   




Similar Part No. - Z89321

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89321 ZILOG-Z89321 Datasheet
299Kb / 40P
16-BIT DIGITAL SIGNAL PROCESSORS
Z8932101ZEM ZILOG-Z8932101ZEM Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8932102EM ZILOG-Z8932102EM Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8932111ZEM ZILOG-Z8932111ZEM Datasheet
93Kb / 5P
Provides Source-Level Debugging for DSP Codes
Z8932112ZEM ZILOG-Z8932112ZEM Datasheet
53Kb / 5P
Windows-Based User Interface
More results


Similar Description - Z89321

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77110 NEC-UPD77110 Datasheet
451Kb / 80P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSORS
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
DIGITAL SIGNAL PROCESSORS
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
16-BIT DIGITAL SIGNAL PROCESSORS
Z8932120PSC ZILOG-Z8932120PSC Datasheet
299Kb / 40P
16-BIT DIGITAL SIGNAL PROCESSORS
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
Digital Signal Processors
logo
Zilog, Inc.
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
logo
Texas Instruments
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
Digital Signal Processors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com