Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89321 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 2 Page - Zilog, Inc.

  Z89321 Datasheet HTML 1Page - Zilog, Inc. Z89321 Datasheet HTML 2Page - Zilog, Inc. Z89321 Datasheet HTML 3Page - Zilog, Inc. Z89321 Datasheet HTML 4Page - Zilog, Inc. Z89321 Datasheet HTML 5Page - Zilog, Inc. Z89321 Datasheet HTML 6Page - Zilog, Inc. Z89321 Datasheet HTML 7Page - Zilog, Inc. Z89321 Datasheet HTML 8Page - Zilog, Inc. Z89321 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Z89321/371/391
16-Bit Digital Signal Processors
Zilog
2
P R E L I M I N A R Y
DS97DSP0100
The Z893XX DSPs are optimized to accommodate ad-
vanced signal processing algorithms. The 24 MIPS (maxi-
mum) operating performance and efficient architecture
provides real-time instruction execution. Compression, fil-
tering, frequency detection, audio, voice detection/synthe-
sis, and other vital algorithms can all be accommodated.
The Z89321/371/391 devices feature an on-board CO-
DEC interface, compatible with 8-bit PCM and 16-bit CO-
DECs for digital audio applications. Additionally, an on-
board wait-state generator is provided to accommodate
slow external peripherals.
For prototypes, as well as production purposes, the
Z89371 member of the DSP product family is a one-time
pro-grammable (OTP) device with a 16 MHz maximum op-
erating frequency.
Notes: All signals with a preceding front slash, "/", are
active Low. For example, B//W (WORD is active Low);
/B/W (BYTE is active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Z89321/371/391 Functional Block Diagram
Program
ROM/OTP
4096x16
Data RAM0
256x16
EA0-2
EXT0-15
/DS
WAIT
RD//WR
Data RAM1
256x16
DDATA
XDATA
PDATA
PADDR
PA0-15
PD0-15
Shifter
Arithmetic
Logic Unit
(ALU)
Program
Control
Unit
INT0-2
HALT
/RESET
CLK
Accumulator
8/16-Bit,
Full Duplex,
10 MBPS
Serial Port
TXD
RXD
SCLK
FS0
FS1
13-Bit Timer
User I/O
UI1-0
UO1-0
XY
Multiplier
P
DP0-3
DP4-6
P2
P2
P1
P1
P0
P0
ADDR
GEN0
ADDR
GEN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com