Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89321 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z89321
Description  16-Bit Digital Signal Processors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89321 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z89321 Datasheet HTML 17Page - Zilog, Inc. Z89321 Datasheet HTML 18Page - Zilog, Inc. Z89321 Datasheet HTML 19Page - Zilog, Inc. Z89321 Datasheet HTML 20Page - Zilog, Inc. Z89321 Datasheet HTML 21Page - Zilog, Inc. Z89321 Datasheet HTML 22Page - Zilog, Inc. Z89321 Datasheet HTML 23Page - Zilog, Inc. Z89321 Datasheet HTML 24Page - Zilog, Inc. Z89321 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
21
1
REGISTERS
The internal registers are defined below:
The following are virtual registers as physical RAM does
not exist on the chip.
P holds the result of multiplications and is read-only.
X and Y are two 16-bit input registers for the multiplier.
These registers can be utilized as temporary registers
when the multiplier is not being used.
A is a 24-bit Accumulator. The output of the ALU is sent to
this register. When 16-bit data is transferred into this reg-
ister, it is placed into the 16 MSBs and the least significant
eight bits are set to zero. Only the upper 16 bits are trans-
ferred to the destination register when the Accumulator is
selected as a source register in transfer instructions.
Pn:b are the pointer registers for accessing data RAM, (n
= 0,1,2 refer to the pointer number) (b = 0,1 refers to RAM
Bank 0 or 1). They can be directly read from or written to,
and can point to locations in data RAM or Program Mem-
ory.
EXTn are external registers (n = 0 to 7). There are eight
16-bit registers provided here for mapping external devic-
es into the address space of the processor. Note that the
actual register RAM does not exist on the chip, but would
exist as part of the external device, such as an ADC result
latch. Use of the CODEC interface and 13-bit timer reduc-
es the number of external registers to four.
BUS is a read-only register which, when accessed, returns
the contents of the D-Bus. Bus is used for emulation only.
Dn:b refers to locations in RAM that can be used as a
pointer to locations in program memory which is efficient
for coefficient addressing. The programmer decides which
location to choose from two bits in the status register and
two bits in the operand. Thus, only the lower 16 possible
locations in RAM can be specified. At any one time, there
are eight usable pointers, four per bank, and the four point-
ers are in consecutive locations in RAM.
For example, if S3/S4 = 01 in the status register, then
D0:0/D1:0/D2:0/D3:0 refer to register locations 4/5/6/7 in
RAM Bank 0. Note that when the data pointers are being
written to, a number is actually being loaded to Data RAM,
so they can be used as a limited method for writing to
RAM.
SR is the status register, which contains the ALU status
and certain control bits (Table 5).
Register
Register DeÞnition
P
Output of Multiplier, 24-bit
X
X Multiplier Input, 16-bit
Y
Y Multiplier Input, 16-bit
A
Accumulator, 24-bit
SR
Status Register, 16-bit
Pn:b
Six Ram Address Pointers, 8-bit each
PC
Program Counter, 16-bit
EXT4
13-Bit Timer ConÞguration Register
EXT5-1
CODEC Interface Channel 0 Data
EXT5-2
CODEC Interface Channel 0 Data
EXT6-1
CODEC Interface Channel 1 Data
EXT6-2
CODEC Interface Channel 1 Data
EXT7-1
CODEC Interface ConÞguration Register
EXT7-2
Wait-State Generator/CODEC Interface
ConÞguration Register
Register
Register DeÞnition
EXTn
External Registers, 16-bit
BUS
D-Bus
Dn:b
Eight Data Pointers*
Note: * These occupy the first four locations in RAM bank.
Table 5. Status Register Bit Functions
Status Register Bit
Function
S15 (N)
ALU Negative
S14 (OV)
ALU Overßow
S13 (Z)
ALU Zero
S12 (L)
Carry
S11 (UI1)
User Input 1
S10 (UI0)
User Input 0
S9 (SH3)
MPY Output Arithmetically
Shifted Right by Three Bits
S8 (OP)
Overßow Protection
S7 (IE)
Interrupt Enable
S6 (UO1)
User Output 1
S5 (UO0)
User Output 0
S4-S3
ÒShort Form DirectÓ bits
S2-S0 (RPL)
RAM Pointer Loop Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com