Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2108F-7 Datasheet (PDF) - Diodes Incorporated

ZXTR2108F-7 Datasheet PDF - Diodes Incorporated
Part # ZXTR2108F-7
Download  ZXTR2108F-7 Download
File Size   491.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V INPUT, 8V 15mA REGULATOR TRANSISTOR

ZXTR2108F-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTR2108F-7 Datasheet PDF - Diodes Incorporated

Part # ZXTR2108F-7
Download  ZXTR2108F-7 Click to download

File Size   491.3 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V INPUT, 8V 15mA REGULATOR TRANSISTOR

ZXTR2108F-7 Datasheet (HTML) - Diodes Incorporated


ZXTR2108F-7 Product details

Description
The ZXTR2108F monolithically integrates a transistor, zener diode and resistor to function as a linear regulator. The device regulates with an 8V nominal output at 15mA. It is designed for use in high voltage applications where standard linear regulators cannot be used. This function is fully integrated into a SOT23 package, minimizing PCB area and reducing the number of components when compared with a multi-chip discrete solution.

Features
• Series Linear Regulator Using Emitter-Follower Stage
• Input Voltage = 10 to 60V (For regulated output voltage)
• Output Voltage = 8V ± 10%
• Fully integrated into a SOT23 package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
Supply voltage regulation for:
• 24V to 8V Rails
• Other Customized Input Rails




Similar Part No. - ZXTR2108F-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F Datasheet
410Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
May 2017
ZXTR2105F-7 DIODES-ZXTR2105F-7 Datasheet
410Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
May 2017
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
More results


Similar Description - ZXTR2108F-7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
5V AND 8V VOLTAGE REGULATOR
Sep-2003
logo
Integral Corp.
ILA8133A INTEGRAL-ILA8133A Datasheet
93Kb / 2P
5.1V 8V REGULATOR WITH DISABLE
logo
SHANGHAI BELLING CO., L...
BL8051 BELLING-BL8051 Datasheet
555Kb / 7P
60V Input / 5V Output Linear Regulator
logo
Diodes Incorporated
ZXTR2008Z DIODES-ZXTR2008Z Datasheet
257Kb / 7P
100V INPUT, 8V 30mA REGULATOR TRANSISTOR
Rev 1
ZXTR2105F DIODES-ZXTR2105F_15 Datasheet
455Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
Rev 5
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
logo
Union Semiconductor, In...
UM1550 UNIONSEMI-UM1550 Datasheet
416Kb / 13P
8V Input, Low Quiescent Current Linear Regulator
logo
Maxim Integrated Produc...
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
8V to 24V Input Range
Rev 0; 1/06
MAX15162TAEVKIT MAXIM-MAX15162TAEVKIT Datasheet
768Kb / 14P
8V to 60V Wide Input Voltage Range
Rev 0; 1/20
logo
Diodes Incorporated
ZXTR2105F DIODES-ZXTR2105F Datasheet
410Kb / 7P
60V INPUT, 5V 15mA REGULATOR TRANSISTOR
May 2017
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com