Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8131 Datasheet (PDF) - STMicroelectronics

STV8131 Datasheet PDF - STMicroelectronics
Part # STV8131
Download  STV8131 Download
File Size   68.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V AND 8V VOLTAGE REGULATOR

STV8131 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV8131 Datasheet PDF - STMicroelectronics

Part # STV8131
Download  STV8131 Click to download

File Size   68.77 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V AND 8V VOLTAGE REGULATOR

STV8131 Datasheet (HTML) - STMicroelectronics


STV8131 Product details

DESCRIPTION

The STV8131 is a monolithic dual positive voltage regulator designed to provide fixed precision output voltages of 5V and 8V at currents up to 1A. Each output can be disabled separately by a TTL

input. Short circuit and thermal protections are included.



FEATURES

■ Output Currents up to 1A

■ Fixed Precision Output 1 Voltage 5V ± 2%

■ Fixed Precision Output 2 Voltage 8V ± 2%

■ Output 1 with Disable by TTL Input

■ Output 2 with Disable by TTL Input

■ Short Circuit Protection at both Outputs

■ Thermal Protection

■ Low Drop Output Voltage




Similar Part No. - STV8131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8130B STMICROELECTRONICS-STV8130B Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
More results


Similar Description - STV8131

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE964 NTE-NTE964 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 8V
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8371 CHERRY-CS8371 Datasheet
174Kb / 8P
8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Monolithic Power System...
MP8126 MPS-MP8126 Datasheet
313Kb / 13P
550mA, 8V-to-14V Input, LNB-Power Supply and Control-Voltage Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com